Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5110F1 Datasheet (PDF) - Visual Communications Company

5110F1 Datasheet PDF - Visual Communications Company
Part # 5110F1
Download  5110F1 Download
File Size   690.96 Kbytes
Page   2 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 5110F Series Panel Mount LED Indicator Light for mounting hole 0.157” (4.0mm)

5110F1 Datasheet (PDF)

Go To PDF Page Download Datasheet
5110F1 Datasheet PDF - Visual Communications Company

Part # 5110F1
Download  5110F1 Click to download

File Size   690.96 Kbytes
Page   2 Pages
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company
Description 5110F Series Panel Mount LED Indicator Light for mounting hole 0.157” (4.0mm)

5110F1 Datasheet (HTML) - Visual Communications Company


5110F1 Product details

Applications
• electrical panels
• entertainment
• industrial
• appliances
• displays
• panel indication

Key features
• super bright T-1 (3mm) LED
• diffused lens allows wide angle viewing
• include low current option (2mA)
• 4 colors available: red, green, yellow, amber
• voltage options: 2, 5 or 12V
• snap-fit into .1557.158" mounting hole
• built-in chip resistor operates directly off 5 and 12 volt supply, no external resistor needed.
• recommended the use of an installation tool to press agains flange of housing rather than LED




Similar Part No. - 5110F1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5110F1 CML-5110F1 Datasheet
20Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5110F1 VCC-5110F1 Datasheet
96Kb / 1P
Panel Mounted LED Indicator Light
5110F1 VCC-5110F1 Datasheet
140Kb / 2P
LED Panel Mount Indicator
logo
Chicago Miniature Lamp,...
5110F1-12V CML-5110F1-12V Datasheet
20Kb / 1P
Panel Mounted LED Indicator Light
logo
Visual Communications C...
5110F1-12V VCC-5110F1-12V Datasheet
96Kb / 1P
Panel Mounted LED Indicator Light
More results


Similar Description - 5110F1

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
5101H1 CML-5101H1 Datasheet
21Kb / 1P
Panel Mounted LED Indicator Light
5200F CML-5200F Datasheet
19Kb / 1P
Series Panel Mounted LED Indicator Light
5210F CML-5210F Datasheet
20Kb / 1P
Panel Mounted LED Indicator Light
5894S CML-5894S Datasheet
66Kb / 1P
Panel Mounted LED Indicator Light
5994S CML-5994S Datasheet
65Kb / 1P
Panel Mounted LED Indicator Light
logo
Dialight Corporation
557-1XXX-203 DIALIGHT-557-1XXX-203 Datasheet
24Kb / 1P
LED Panel Mount Indicator 11/16 Mounting Hole, Watertight
logo
Visual Communications C...
5101H VCC-5101H Datasheet
94Kb / 1P
Panel Mounted LED Indicator Light
5111F VCC-5111F Datasheet
100Kb / 1P
Panel Mounted LED Indicator Light
5894S VCC-5894S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
5994S VCC-5994S Datasheet
87Kb / 1P
Panel Mounted LED Indicator Light
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com