Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HWS450 Datasheet (PDF) - Hexawave, Inc

HWS450 Datasheet PDF - Hexawave, Inc
Part # HWS450
Download  HWS450 Download

File Size   80.9 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS450 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS450 Datasheet PDF - Hexawave, Inc

Part # HWS450
Download  HWS450 Click to download

File Size   80.9 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Switch

HWS450 Datasheet (HTML) - Hexawave, Inc

HWS450 Datasheet HTML 1Page - Hexawave, Inc HWS450 Datasheet HTML 2Page - Hexawave, Inc

HWS450 Product details

Description
The HWS450 is a GaAs PHEMT MMIC SPDT switch operating at 0.5-6 GHz in a low cost miniature QFN12L (3 x 3 mm) plastic lead (Pb) free package. The HWS450 features low insertion loss and high isolation with very low DC power consumption. This switch can be used in WiMAX or IEEE 802.11a/b/g WLAN PC card and access point applications as transmit/receive switch, antenna diversity switch, or band-selection switch.

Features
• Low Insertion Loss: 0.50 dB @ 2.7 GHz 0.65 dB @ 5.8 GHz
• Isolation: 25.5 dB @ 2.7 GHz 27.5 dB @ 5.8 GHz
• Low DC Power Consumption
• Miniature QFN12L (3x3 mm) Using Lead (Pb) free materials with RoHS compliant
• PHEMT process




Similar Part No. - HWS450

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS450_V8 HW-HWS450_V8_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz DPDT Switch
More results


Similar Description - HWS450

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS398 HW-HWS398 Datasheet
116Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS426 HW-HWS426 Datasheet
73Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS452_V5 HW-HWS452_V5_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468 HW-HWS468 Datasheet
141Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS468_V2 HW-HWS468_V2_15 Datasheet
60Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS466_V5 HW-HWS466_V5_15 Datasheet
61Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS466 HW-HWS466 Datasheet
72Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS382 HW-HWS382 Datasheet
119Kb / 2P
   GaAs DC-6 GHz SPDT Switch
HWS452 HW-HWS452 Datasheet
71Kb / 2P
   GaAs DC-6 GHz SPDT Switch
logo
Tyco Electronics
MASW6010G MACOM-MASW6010G Datasheet
90Kb / 2P
   GaAs SPDT Switch DC-6 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com