Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L433VCU7 Datasheet (PDF) - STMicroelectronics

STM32L433VCU7 Datasheet PDF - STMicroelectronics
Part # STM32L433VCU7
Download  STM32L433VCU7 Download
File Size   4655.7 Kbytes
Page   227 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS

STM32L433VCU7 Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32L433VCU7 Datasheet PDF - STMicroelectronics

Part # STM32L433VCU7
Download  STM32L433VCU7 Click to download

File Size   4655.7 Kbytes
Page   227 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB flash, 64KB SRAM, USB FS, LCD, ext. SMPS

STM32L433VCU7 Datasheet (HTML) - STMicroelectronics


STM32L433VCU7 Product details

Features
Includes ST state-of-the-art patented technology
• Ultra-low-power with FlexPowerControl
– 1.71 V to 3.6 V power supply
– -40 °C to 85/105/125 °C temperature range
– 200 nA in VBAT mode: supply for RTC and 32x32-bit backup registers
– 8 nA Shutdown mode (5 wakeup pins)
– 28 nA Standby mode (5 wakeup pins)
– 280 nA Standby mode with RTC
– 1.0 μA Stop 2 mode, 1.28 μA with RTC
– 84 μA/MHz run mode (LDO Mode)
– 36 μA/MHz run mode (@3.3 V SMPS Mode)
– Batch acquisition mode (BAM)
– 4 μs wakeup from Stop mode
– Brown out reset (BOR)
– Interconnect matrix
• Core: Arm® 32-bit Cortex®-M4 CPU with FPU, Adaptive real-time accelerator (ART Accelerator™) allowing 0-wait-state execution from flash memory, frequency up to 80 MHz, MPU, 100DMIPS and DSP instructions
• Performance benchmark
– 1.25 DMIPS/MHz (Drystone 2.1)
– 273.55 CoreMark® (3.42 CoreMark/MHz @ 80 MHz)
• Energy benchmark
– 347 ULPMark™ CP score
– 121 ULPMark™ PP score
• Clock Sources
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator for RTC (LSE)
– Internal 16 MHz factory-trimmed RC (±1%)
– Internal low-power 32 kHz RC (±5%)
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25 % accuracy)
– Internal 48 MHz with clock recovery
– 2 PLLs for system clock, USB, audio, ADC
• Up to 83 fast I/Os, most 5 V-tolerant
• RTC with HW calendar, alarms and calibration
• LCD 8× 40 or 4× 44 with step-up converter
• Up to 21 capacitive sensing channels: support touchkey, linear and rotary touch sensors
• 11x timers: 1x 16-bit advanced motor-control, 1x 32-bit and 2x 16-bit general purpose, 2x 16-bit basic, 2x low-power 16-bit timers (available in Stop mode), 2x watchdogs, SysTick timer
• Memories
– Up to 256 KB single bank flash, proprietary code readout protection
– 64 KB of SRAM including 16 KB with hardware parity check
– Quad SPI memory interface
• Rich analog peripherals (independent supply)
– 1x 12-bit ADC 5 Msps, up to 16-bit with hardware oversampling, 200 μA/Msps
– 2x 12-bit DAC output channels, low-power sample and hold
– 1x operational amplifier with built-in PGA
– 2x ultra-low-power comparators
• 17x communication interfaces
– USB 2.0 full-speed crystal less solution with LPM and BCD
– 1x SAI (serial audio interface)
– 3x I2C FM+(1 Mbit/s), SMBus/PMBus
– 4x USARTs (ISO 7816, LIN, IrDA, modem)
– 1x LPUART (Stop 2 wake-up)
– 3x SPIs (and 1x Quad SPI)
– CAN (2.0B Active) and SDMMC interface
– SWPMI single wire protocol master I/F
– IRTIM (Infrared interface)
• 14-channel DMA controller
• True random number generator
• CRC calculation unit, 96-bit unique ID
• Development support: serial wire debug (SWD), JTAG, Embedded Trace Macrocell™
• All packages are ECOPACK2 compliant




Similar Part No. - STM32L433VCU7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32L433VC STMICROELECTRONICS-STM32L433VC Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L433VCT6 STMICROELECTRONICS-STM32L433VCT6 Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
More results


Similar Description - STM32L433VCU7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32L475XX STMICROELECTRONICS-STM32L475XX Datasheet
2Mb / 193P
Ultra-low-power ARM Cortex-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, analog, audio
03-Mar-2016
STM32L476XX STMICROELECTRONICS-STM32L476XX Datasheet
2Mb / 232P
Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 1MB Flash, 128 KB SRAM, USB OTG FS, LCD, analog, audio
03-Dec-2015
STM32L4A6XG STMICROELECTRONICS-STM32L4A6XG Datasheet
3Mb / 282P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, 1MB Flash, 320KB SRAM, USB OTG FS, audio, AESHASH, ext. SMPS
24-Sep-2018
STM32L433XX STMICROELECTRONICS-STM32L433XX Datasheet
2Mb / 225P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 256KB Flash, 64KB SRAM, USB FS, LCD, ext. SMPS
18-May-2018
STM32L412C8 STMICROELECTRONICS-STM32L412C8 Datasheet
2Mb / 192P
Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 128KB Flash, 40KB SRAM, analog, ext. SMPS
November 2020 Rev 8
STM32U575XX STMICROELECTRONICS-STM32U575XX Datasheet
6Mb / 329P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM
02-Jun-2022
STM32L151X6-A STMICROELECTRONICS-STM32L151X6-A Datasheet
1Mb / 129P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Apr-2016
STM32U585XX STMICROELECTRONICS-STM32U585XX Datasheet
6Mb / 340P
Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU,240 DMIPS, up to 2 MB Flash memory, 786 KB SRAM, crypto
27-Mar-2023
STM32L151X6 STMICROELECTRONICS-STM32L151X6_V01 Datasheet
1Mb / 130P
Ultra-low-power 32-bit MCU ARM®-based Cortex®-M3,128KB Flash, 32KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
25-Aug-2017
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com