Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASP0800 Datasheet (PDF) - ON Semiconductor

ASP0800 Datasheet PDF - ON Semiconductor
Part # ASP0800
Download  ASP0800 Download
File Size   643.66 Kbytes
Page   36 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Multi-Phase Synchronous Buck Converter with PMBus

ASP0800 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASP0800 Datasheet PDF - ON Semiconductor

Part # ASP0800
Download  ASP0800 Click to download

File Size   643.66 Kbytes
Page   36 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Programmable Multi-Phase Synchronous Buck Converter with PMBus

ASP0800 Datasheet (HTML) - ON Semiconductor


ASP0800 Product details

ERY FEATURES
Selectable 1-, 2-, 3-, 4-, 5-, 6, 7 or 8- phase operation at up to
1 MHz per phase
PMBus Interface - enables digital programmability of set
points and readback of monitored values
Logic-level PWM outputs for interface to external high
power drivers
Fast-Enhanced PWM flex mode for excellent load transient
performance
Active current balancing between all output phases
Built-in power-good/crowbar blanking supports on-the-fly
VID code changes
Digitally programmable 0.375 V to 1.6 V output supports
both VR11 and VR11.1 specifications
Programmable Offset up to ±200mV
Programmable short-circuit protection with programmable
latch-off delay
Supports PSI# – Power saving mode during light loads
Over – Clocking Control
APPLICATIONS
CPU Power controllers for Servers, Workstations and high
end Desktops.
Next generation Intel® VRM modules
POL Applications such as Memory

GENERAL DESCRIPTION
The ASP08001
is an integrated power control IC with a PMBus
interface. The ASP0800 is a highly efficient, multiphase,
synchronous buck switching regulator controller, which aids
design of High Efficiency and High Density solutions.
The PMBus interface enables digital programming of key
system parameters to optimize system performance and provide
feedback to the system. The ASP0800 is compatible for use with
coupled inductors,
The ASP0800 is optimized for converting a 12 V main supply
into the core supply voltage required by high performance Intel
processors. It uses an internal 8-bit DAC to read the voltage
identification (VID) code directly from the processor, which is
used to set the output voltage between 0.375 V and 1.6 V.
This device uses a multimode PWM architecture to drive the
logic-level outputs at a programmable switching frequency that
can be optimized for VR size and efficiency. The ASP0800 can
be programmed for 1-, 2-, 3-, 4-, 5-, 6, 7 or 8- phase operation,
allowing for the construction of up to 8 complementary buck




Similar Part No. - ASP0800

ManufacturerPart #DatasheetDescription
logo
METZ CONNECT GmbH
ASP084XX METZ-ASP084XX Datasheet
308Kb / 5P
spring clamp terminal block, pluggable
More results


Similar Description - ASP0800

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
Synchronous Buck Converter with Programmable Output
logo
ON Semiconductor
NCP4208 ONSEMI-NCP4208 Datasheet
314Kb / 30P
VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
August, 2009 ??Rev. 0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com