Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1011AP06 Datasheet (PDF) - ON Semiconductor

P1011AP06 Datasheet PDF - ON Semiconductor
Part # P1011AP06
Download  P1011AP06 Download
File Size   488.64 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low StandbyPower Offline SMPS

P1011AP06 Datasheet (PDF)

Go To PDF Page Download Datasheet
P1011AP06 Datasheet PDF - ON Semiconductor

Part # P1011AP06
Download  P1011AP06 Click to download

File Size   488.64 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Self-Supplied Monolithic Switcher for Low StandbyPower Offline SMPS

P1011AP06 Datasheet (HTML) - ON Semiconductor


P1011AP06 Product details

Features
• Built−in 700 V MOSFET with Typical RDSon of 11
and 22
• Large Creepage Distance Between High−Voltage Pins
• Current−Mode Fixed Frequency Operation:
65 kHz – 100 kHz − 130 kHz
• Skip−Cycle Operation at Low Peak Currents Only:
No Acoustic Noise!
• Dynamic Self−Supply, No Need for an Auxiliary
Winding
• Internal 1.0 ms Soft−Start
• Latched Overvoltage Protection with Auxiliary
Winding Operation
• Frequency Jittering for Better EMI Signature
• Auto−Recovery Internal Output Short−Circuit
Protection
• Below 100 mW Standby Power if Auxiliary Winding
is Used
• Internal Temperature Shutdown
• Direct Optocoupler Connection
• SPICE Models Available for TRANsient Analysis
• These are Pb−Free and Halide−Free Devices

Typical Applications
• Low Power AC/DC Adapters for Chargers
• Auxiliary Power Supplies (USB, Appliances,TVs, etc.)




Similar Part No. - P1011AP06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1011AP06 ONSEMI-P1011AP06 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results


Similar Description - P1011AP06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1014 ONSEMI-NCP1014 Datasheet
324Kb / 24P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
September, 2004 ??Rev. 10
NCP1010 ONSEMI-NCP1010 Datasheet
476Kb / 24P
Self?뭆upplied Monolithic Switcher for Low Standby?뭁ower Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015 Datasheet
336Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
October, 2007 - Rev. 1
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1010 ONSEMI-NCP1010 Datasheet
591Kb / 24P
Self--Supplied Monolithic Switcher for Low Standby--Power Offline SMPS
December, 2010 -- Rev. 22
NCP1015 ONSEMI-NCP1015_11 Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1015AP065G ONSEMI-NCP1015AP065G Datasheet
403Kb / 22P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
March, 2011 ??Rev. 3
NCP1010 ONSEMI-NCP1010_14 Datasheet
351Kb / 23P
Self-Supplied Monolithic Switcher for Low Standby-Power Offline SMPS
September, 2014 ??Rev. 23
NCP1010 ONSEMI-NCP1010_V01 Datasheet
501Kb / 25P
Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
August, 2021 - Rev. 25
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com