Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1E3 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

1E3 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # 1E3
Download  1E3 Download
File Size   71.89 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description ULTRA FAST RECTIFIER

1E3 Datasheet (PDF)

Go To PDF Page Download Datasheet
1E3 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # 1E3
Download  1E3 Click to download

File Size   71.89 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description ULTRA FAST RECTIFIER

1E3 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


1E3 Product details

VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A

FEATURES
♦ Low cost
♦ Diffusde junction
♦ Ultra fast switching for high efficiency
♦ Low reverse leakage current
♦ Low forward voltage drop
♦ High current capability
♦ The plastic material carries U/L recognition 94V-0




Similar Part No. - 1E3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1E3 PANJIT-1E3 Datasheet
57Kb / 2P
SUPERFAST RECOVERY RECTIFIERS(VOLTAGE - 50 to 600 Volts CURRENT - 1.0 Ampere)
1E3 PANJIT-1E3 Datasheet
43Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
1E3 RECTRON-1E3 Datasheet
88Kb / 3P
GLASS PASSIVATED SUPER FAST RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 1.0 Ampere
logo
Pan Jit International I...
1E3 PANJIT-1E3 Datasheet
51Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1E3 LRC-1E3 Datasheet
219Kb / 7P
Fast Recovery ectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
More results


Similar Description - 1E3

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com