Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB020 Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

SB020 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # SB020
Download  SB020 Download
File Size   47.17 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SCHOTTKY BARRIER RECTIFIER

SB020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB020 Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # SB020
Download  SB020 Click to download

File Size   47.17 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SCHOTTKY BARRIER RECTIFIER

SB020 Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


SB020 Product details

VOLTAGE RANGE: 20 --- 40 V CURRENT: 0.6 A

FEATURES
◇ Metal-Semiconductor junction with guard ring
◇ Epitaxial construction
◇ Low forward voltage drop,low switching losses
◇ High surge capability
◇ For use in low voltage,high frequency inverters free
   wheeling,and polarity protection applications
◇ The plastic material carries U/L recognition 94V-0




Similar Part No. - SB020

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SB020 GE-SB020 Datasheet
49Kb / 2P
MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB020 VISHAY-SB020 Datasheet
353Kb / 4P
Miniature Schottky Barrier Rectifier
25-Apr-08
logo
Gulf Semiconductor
SB020 GULFSEMI-SB020 Datasheet
101Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 20 TO 40V CURRENT: 0.6A
logo
Diode Semiconductor Kor...
SB020 DSK-SB020 Datasheet
262Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
GOOD-ARK Electronics
SB020 GOOD-ARK-SB020 Datasheet
668Kb / 2P
Miniature Schottky Barrier Rectifiers
More results


Similar Description - SB020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com