Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F5707 Datasheet (PDF) - SONiX Technology Company

SN8F5707 Datasheet PDF - SONiX Technology Company
Part # SN8F5707
Download  SN8F5707 Download
File Size   2916.7 Kbytes
Page   204 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8051-based Microcontroller

SN8F5707 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN8F5707 Datasheet PDF - SONiX Technology Company

Part # SN8F5707
Download  SN8F5707 Click to download

File Size   2916.7 Kbytes
Page   204 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 8051-based Microcontroller

SN8F5707 Datasheet (HTML) - SONiX Technology Company


SN8F5707 Product details

Features
- Enhanced 8051 microcontroller with reduced
instruction cycle time (up to 12 times 80C51)
- Up to 8 MHz flexible CPU frequency
- Internal 32 MHz Clock Generator (IHRC),
1 MHz to 16 MHz crystal, and external
synchronous clock source selections
- Real-time clock with 32.768 kHz crystal
- 16 KB non-volatile flash memory (IROM) with
in-system program support
- 256 bytes internal RAM (IRAM)
- 1 KB external RAM (XRAM)
- 19 interrupt sources with priority levels
control and unique interrupt vectors
- 16 internal interrupts
- 3 external interrupts: INT0, INT1, INT2
- Hardware Multiplication/Division Unit
- 2 set of DPTR

Applications
- Brushless DC motor
- Home automation
- 2 set 8/16-bit timers with 4 operation modes
- 1 set 16-bit timers with 4 comparison output
(PWM) and capture channels
- 3 set 16-bit PWM generators:
each PWM generator has 2 output channels
with inverters and dead-band control
- 12-bit SAR ADC with 12 external and 3 internal
channels, and 4 internal reference voltages
- SPI, UART, I2C interface with SMBus Support
- On-Chip Debug Support:
Single-wire debug interface
5 hardware breakpoints
Unlimited software breakpoints
ROM data security/protection
- Watchdog and programmable external reset
- 1.8/2.4/3.3-V low voltage detectors
- Wide supply voltage (1.8 V – 5.5 V) and
temperature (-40 °C to 85 °C) range




Similar Part No. - SN8F5707

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN8F2250B SONIX-SN8F2250B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22511B SONIX-SN8F22511B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F2251B SONIX-SN8F2251B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22521B SONIX-SN8F22521B Datasheet
1Mb / 133P
8-Bit Micro-Controller
SN8F22531B SONIX-SN8F22531B Datasheet
1Mb / 133P
8-Bit Micro-Controller
More results


Similar Description - SN8F5707

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
N76E003 NUVOTON-N76E003 Datasheet
4Mb / 276P
Nuvoton 1T 8051-based Microcontroller
N76E616 NUVOTON-N76E616 Datasheet
3Mb / 182P
Nuvoton 1T 8051-based Microcontroller
N76E885 NUVOTON-N76E885 Datasheet
3Mb / 205P
Nuvoton 1T 8051-based Microcontroller
N78E366A NUVOTON-N78E366A Datasheet
3Mb / 136P
Nuvoton 8-bit 8051-based Microcontroller
N78E517A NUVOTON-N78E517A Datasheet
4Mb / 141P
Nuvoton 8-bit 8051-based Microcontroller
N79E715 NUVOTON-N79E715 Datasheet
3Mb / 189P
Nuvoton 8051-based Microcontroller
N79E845 NUVOTON-N79E845 Datasheet
3Mb / 183P
Nuvoton 8051-based Microcontroller
N79E855 NUVOTON-N79E855 Datasheet
3Mb / 180P
Nuvoton 8051-based Microcontroller
N76E003 NUVOTON-N76E003_17 Datasheet
4Mb / 273P
Nuvoton 1T 8051-based Microcontroller
N76E003 NUVOTON-N76E003_18 Datasheet
4Mb / 276P
Nuvoton 1T 8051-based Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com