Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7800 Datasheet (PDF) - Supertex, Inc

HV7800 Datasheet PDF - Supertex, Inc
Part # HV7800_V01
Download  HV7800 Download
File Size   419.25 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor 8.0 to 450V Voltage Gain of 1

HV7800 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV7800 Datasheet PDF - Supertex, Inc

Part # HV7800_V01
Download  HV7800 Click to download

File Size   419.25 Kbytes
Page   7 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description High Side Current Monitor 8.0 to 450V Voltage Gain of 1

HV7800 Datasheet (HTML) - Supertex, Inc


HV7800 Product details

Features
► Supply voltages from 8V to 450V
► Voltage output device
► Typical gain 1±1%
► Max VSENSE 500mV
► Fast rise and fall time, 700ns to 2.0µs
► Maximum quiescent current 50µA
► 5-Lead SOT-23 Package

Applications
► SMPS current monitor
► Battery current monitor
► Motor controls
► Telecom

General Description
The HV7800 high side current monitor IC transfers a highside current measurement voltage to its ground referenced
output with an accurate voltage gain of one. The measurement
voltage typically originates at a current sense resistor which
is located in a “high side” circuit, such as the positive supply
line.
This monitor IC features a very wide input voltage range, high
accuracy of transfer ratio, small size, low component count,
low power consumption, ease of use, and low cost. Offline,
battery and portable applications can be served equally well
due to the wide input voltage range and the low quiescent
current of the HV7800.




Similar Part No. - HV7800_V01

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV7800K1-G SUTEX-HV7800K1-G Datasheet
365Kb / 6P
High Side Current Monitor
HV7800K1-G SUTEX-HV7800K1-G Datasheet
661Kb / 7P
High Side Current Monitor 8.0 to 450V Voltage Gain of 1
HV7800 SUTEX-HV7800_13 Datasheet
661Kb / 7P
High Side Current Monitor 8.0 to 450V Voltage Gain of 1
More results


Similar Description - HV7800_V01

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1081 ZETEX-ZXCT1081 Datasheet
702Kb / 12P
High voltage high-side current monitor
ZXCT1081_0704 ZETEX-ZXCT1081_0704 Datasheet
702Kb / 12P
High voltage high-side current monitor
logo
Supertex, Inc
HV7802 SUTEX-HV7802 Datasheet
511Kb / 5P
High Side Current Monitor 8V to 450V, Confi gurable Output
logo
Zetex Semiconductors
ZXCT1080 ZETEX-ZXCT1080 Datasheet
699Kb / 12P
High voltage high-side current monitor
ZXCT1080 ZETEX-ZXCT1080_08 Datasheet
714Kb / 12P
High voltage high-side current monitor
logo
Diodes Incorporated
ZXCT1080 DIODES-ZXCT1080 Datasheet
721Kb / 12P
High voltage high-side current monitor
MARCH 2008
ZXCT1081 DIODES-ZXCT1081 Datasheet
291Kb / 11P
HIGH VOLTAGE HIGH-SIDE CURRENT MONITOR
Rev 1
logo
Supertex, Inc
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
High Side Current Monitor 8V to 450V Configurable Output
HV7801 SUTEX-HV7801_13 Datasheet
545Kb / 5P
High Side Current Monitor 8.0 to 450V Voltage Gain of 5
HV7800 SUTEX-HV7800_13 Datasheet
661Kb / 7P
High Side Current Monitor 8.0 to 450V Voltage Gain of 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com