Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

278R15 Datasheet (PDF) - Unisonic Technologies

278R15 Datasheet PDF - Unisonic Technologies
Part # 278R15
Download  278R15 Download
File Size   341.07 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR

278R15 Datasheet (PDF)

Go To PDF Page Download Datasheet
278R15 Datasheet PDF - Unisonic Technologies

Part # 278R15
Download  278R15 Click to download

File Size   341.07 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR

278R15 Datasheet (HTML) - Unisonic Technologies


278R15 Product details

DESCRIPTION
The UTC 278RXX Series are Low Drop Voltage Regulator
suitable for various electronic equipments.
It provides constant voltage power source with TO-220F-4
terminal lead full molded PKG. The Regulator has multi function
such as over current protection, overheat protection and ON/OFF
control.

FEATURES
* 2.0A Output Low Drop Voltage Regulator.
* Built in ON/OFF Control Terminal.
* Built in Over Current Protection, Over Heat Protection Function.




Similar Part No. - 278R15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
278R12 KEC-278R12 Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
278R12G-TF4-T UTC-278R12G-TF4-T Datasheet
319Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278R12L-TF4-T UTC-278R12L-TF4-T Datasheet
319Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Similar Description - 278R15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
logo
AUK corp
S5225M AUK-S5225M Datasheet
427Kb / 7P
Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
Low Drop output Voltage Regulator
logo
Unisonic Technologies
278R05 UTC-278R05 Datasheet
319Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
378R33 UTC-378R33 Datasheet
200Kb / 9P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
278RXX UTC-278RXX Datasheet
257Kb / 8P
4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR
378RXX UTC-378RXX Datasheet
225Kb / 8P
4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com