Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPA-0501-510 Datasheet (PDF) - PREMIER DEVICES, INC.

CPA-0501-510 Datasheet PDF - PREMIER DEVICES, INC.
Part # CPA-0501-510
Download  CPA-0501-510 Download
File Size   53.39 Kbytes
Page   1 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description SURFACE MOUNT COUPLER

CPA-0501-510 Datasheet (PDF)

Go To PDF Page Download Datasheet
CPA-0501-510 Datasheet PDF - PREMIER DEVICES, INC.

Part # CPA-0501-510
Download  CPA-0501-510 Click to download

File Size   53.39 Kbytes
Page   1 Pages
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.
Description SURFACE MOUNT COUPLER

CPA-0501-510 Datasheet (HTML) - PREMIER DEVICES, INC.


CPA-0501-510 Product details

Description

The CPA-0501-510 coupler is designed for applications that require small, low cost, and highly reliable surface mount components.

Applications may be found in broadband, wireless and other communications systems. S-Parameters are available on request.



Features

• Frequency Range 5 – 500 MHz

• Nominal Coupling 10 dB

• Low Cost

• Industry Standard SMT package

• Available in Tape-and -Reel

• 50 Ohms Characteristic Impedance



 




Similar Part No. - CPA-0501-510

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
CPA-0501-510H PDI-CPA-0501-510H Datasheet
72Kb / 1P
SURFACE MOUNT COUPLER
More results


Similar Description - CPA-0501-510

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BDCA-6-16 MINI-BDCA-6-16 Datasheet
107Kb / 1P
Surface Mount Bi-Directional Coupler
BDCA-7-25 MINI-BDCA-7-25 Datasheet
107Kb / 1P
Surface Mount Bi-Directional Coupler
logo
List of Unclassifed Man...
CPK-1001-716H ETC1-CPK-1001-716H Datasheet
73Kb / 1P
SURFACE MOUNT COUPLER
logo
PREMIER DEVICES, INC.
CPA-0501-510H PDI-CPA-0501-510H Datasheet
72Kb / 1P
SURFACE MOUNT COUPLER
CPA-1001-716H PDI-CPA-1001-716H Datasheet
73Kb / 1P
SURFACE MOUNT COUPLER
logo
Toshiba Semiconductor
TLP3904 TOSHIBA-TLP3904 Datasheet
241Kb / 7P
a small outline coupler, suitable for surface mount assembly
logo
PREMIER DEVICES, INC.
CPA-1001-716 PDI-CPA-1001-716 Datasheet
53Kb / 1P
SURFACE MOUNT COUPLER
logo
SYNERGY MICROWAVE CORPO...
KBS-10-225 SYNERGY-KBS-10-225 Datasheet
272Kb / 2P
DIRECTIONAL COUPLER SURFACE MOUNT MODEL
SC-4B SYNERGY-SC-4B Datasheet
231Kb / 4P
DIRECTIONAL COUPLER SURFACE MOUNT MODEL
logo
Mini-Circuits
ADC-6-13 MINI-ADC-6-13 Datasheet
127Kb / 1P
Surface Mount Directional Coupler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com