Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWR2188 Datasheet (PDF) - Texas Instruments

AWR2188 Datasheet PDF - Texas Instruments
Part # AWR2188
Download  AWR2188 Download
File Size   541.28 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package

AWR2188 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWR2188 Datasheet PDF - Texas Instruments

Part # AWR2188
Download  AWR2188 Click to download

File Size   541.28 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package

AWR2188 Datasheet (HTML) - Texas Instruments


AWR2188 Product details

1 Features
• FMCW transceiver
– Integrated PLL, transmitter, receiver, baseband,
and ADC
– 76-81GHz operation with up to 4.5GHz
continuous chirp bandwidth
– Eight receive channels
– Eight transmit channels
– Ultra-accurate chirp engine based on
Fractional-N PLL
– TX power: 13.5dBm
– RX noise figure: 10dB
– Best in class linearity enabling P1dB up to
-5dBm while maintaining good noise figure
– Industry leading 8 transmitter, 8 receiver radar
front end with 2.8W power consumption
– Minimum chirp idle time of 3 μs for excellent
max velocity measurements
– Maximum chirp slope of 266MHz/μs to enable
rapid high-bandwidth measurements
– ADC Sample rate up to 66.67 MSPS for
exceptional instrumentation range distance
• Built-in calibration and self-test
– Built-in firmware (ROM)
– Self-calibrating system across process and
temperature
• Host interface
– Control interface with external processor over
SPI or I2C interface
– Data interface with external processor over
MIPI D-PHY and CSI2 v1.2
– Interrupts for Fault Reporting
• Functional Safety-Compliant targeted
– Developed for functional safety applications
– Documentation available to aid ISO 26262
functional safety system design
– Systematic capability up to ASIL-D targeted
– Hardware capability up to ASIL-B targeted
– Safety-related certification
• ISO 26262 certification by TUV planned
• AEC-Q100 Targeted
• AWR2188 advanced features
– Embedded self-monitoring with limited Host
processor involvement
– Option of cascading multiple devices to
increase channel count
– Embedded interference detection capability
• Power management
– Built-in LDO Network for enhanced PSRR
– I/Os support dual voltage 3.3V/1.8V
• Clock source
– Supports externally driven clock (square/sine)
at 50 MHz or 40 MHz
– Supports 50 MHz or 40 MHz crystal connection
with load capacitors
• Easy hardware design
– Production proven innovative Launch on
Package (LOP) technology with easy to route
launcher positions
– 0.5mm pitch 14mm × 15mm FCCSP package
for easy assembly and low-cost PCB design
– Small solution size
• Operating Conditions
– Junction temp range: –40°C to 140°C, and –
40°C to 142°C in TX module

2 Applications
• Automated Highway Driving
• Automatic Emergency Braking
• Adaptive Cruise Control
• Imaging Radar using Cascading Configuration

3 Description
The AWR2188 device is an integrated single-chip FMCW transceiver capable of operation in the 76GHz
to 81GHz band. The device enables unprecedented levels of integration in an extremely small form factor.
AWR2188 is designed for low power, self-monitored, ultra-accurate radar systems in the automotive space.
The AWR2188 device is a self-contained FMCW transceiver single-chip device that simplifies the
implementation of Automotive Radar sensors in the band of 76GHz to 81GHz. The device is built on TI’s
low-power 45nm RFCMOS process, which enables a monolithic implementation of a 8TX, 8RX system with
built-in PLL and ADC converters. Simple programming model changes can enable a wide variety of sensor
implementation (Short, Mid, Long) with the possibility of dynamic reconfiguration for implementing a multimode
sensor. Additionally, the device is provided as a complete platform device including reference hardware design,
software drivers, sample configurations, API guide, and user documentation.




Similar Part No. - AWR2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AWR2188 TI2-AWR2188 Datasheet
721Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED MARCH 2026
AWR2188 TI2-AWR2188 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
AWR2188ABGAPERQ1 TI2-AWR2188ABGAPERQ1 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
AWR2188 TI2-AWR2188_V01 Datasheet
721Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED MARCH 2026
AWR2188 TI2-AWR2188_V02 Datasheet
725Kb / 14P
AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
REVISED SEPTEMBER 2026
More results


Similar Description - AWR2188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IWR1443 TI1-IWR1443 Datasheet
1Mb / 72P
Single Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642 Datasheet
908Kb / 77P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1642 TI1-IWR1642_18 Datasheet
920Kb / 83P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443 TI1-IWR1443_18 Datasheet
822Kb / 71P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1443_1811 TI1-IWR1443_1811 Datasheet
971Kb / 76P
Single-Chip 76- to 81-GHz mmWave Sensor
IWR1843 TI1-IWR1843 Datasheet
2Mb / 83P
IWR1843 Single-Chip 76- to 81-GHz FMCW mmWave Sensor
AWR2243 TI1-AWR2243 Datasheet
1Mb / 59P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
AWR2243 TI-AWR2243_V01 Datasheet
3Mb / 62P
AWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
logo
NXP Semiconductors
TEF810X NXP-TEF810X Datasheet
972Kb / 13P
76 GHz to 81 GHz car RADAR transceiver
Rev. 1.0-10 May 2019
logo
Texas Instruments
IWR2243 TI1-IWR2243 Datasheet
3Mb / 63P
IWR2243 Single-Chip 76- to 81-GHz FMCW Transceiver
OCTOBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com