Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RES31A20 Datasheet (PDF) - Texas Instruments

RES31A20 Datasheet PDF - Texas Instruments
Part # RES31A20
Download  RES31A20 Download
File Size   3772.67 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs

RES31A20 Datasheet (PDF)

Go To PDF Page Download Datasheet
RES31A20 Datasheet PDF - Texas Instruments

Part # RES31A20
Download  RES31A20 Click to download

File Size   3772.67 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs

RES31A20 Datasheet (HTML) - Texas Instruments


RES31A20 Product details

1 Features
• Wide temperature range: –40°C to +125°C
• Ratio = RIN : RG, RIN = 100kΩ (nominal)
• Highly precise ratio tolerance: ±0.05% (maximum)
• Low drift over temperature range:
– +2/–5ppm/°C max TCRratio for RES31A00
(±2ppm/°C max TCRratio from –40°C to +105°C)
– ±2ppm/°C max TCRratio for other ratios

2 Applications
• Precision voltage divider, precision level translation
• Amplifier gain and attenuation configuration
• Discrete difference and instrumentation amplifier
implementations with high CMRR and gain
accuracy
• Pinpoint comparator threshold setting

3 Description
The RES31A is a matched pair of resistive dividers,
implemented in thin-film SiCr with Texas Instruments'
modern, high-performance, analog CMOS process.
The device has a nominal input resistance of 100kΩ,
supporting higher divider voltages than the RES11A
but with a lower current draw than the RES21A , and
is available in several nominal ratios to meet a wide
array of system needs. Use the RES31A in an inverse
gain configuration by simply rotating the device
placement by 180°. This feature supports layout
reuse and increases flexibility for applications such
as discrete instrumentation or difference amplifier
implementations.
The RES31A series features high ratio-matching
precision, with the measured ratio of each divider
within 0.05% (±500ppm) (typical) of the nominal. This
precision is maintained over the temperature range.
The RES31A is specified with a temperature range
from –40°C to +125°C. The device is offered in an
8‑pin, SOT‑23-THIN package, with a body size of
2.9mm × 1.6mm (body size is a nominal value and
does not include pins).




Similar Part No. - RES31A20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RES31A20 TI2-RES31A20 Datasheet
3Mb / 50P
RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
DECEMBER 2025
RES31A20-Q1 TI2-RES31A20-Q1 Datasheet
3Mb / 50P
RES31A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
MARCH 2026
RES31A20DDFR TI2-RES31A20DDFR Datasheet
3Mb / 50P
RES31A Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
DECEMBER 2025
RES31A20QDDFRQ1 TI2-RES31A20QDDFRQ1 Datasheet
3Mb / 50P
RES31A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 100kΩ Inputs
MARCH 2026
More results


Similar Description - RES31A20

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
110R CALMIRCO-110R Datasheet
393Kb / 1P
THIN FILM RESISTOR SERIES
XRN772 CALMIRCO-XRN772 Datasheet
37Kb / 1P
Thin Film Resistor Series
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
03-Dec-12
logo
List of Unclassifed Man...
RG1608N-4121 ETC2-RG1608N-4121 Datasheet
179Kb / 3P
Thin Film Chip Resistor
RG1608P-2610 ETC2-RG1608P-2610 Datasheet
179Kb / 3P
Thin Film Chip Resistor
logo
Vishay Siliconix
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
Thin Film Microwave Resistor
02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
Thin Film Microwave Resistor
18-Apr-13
MIF VISHAY-MIF Datasheet
84Kb / 3P
Thin Film Microwave Resistor
02-May-13
logo
Texas Instruments
RES11A-Q1 TI-RES11A-Q1 Datasheet
2Mb / 28P
RES11A-Q1 Automotive, Matched, Thin-Film Resistor Dividers With 1-kΩ Inputs
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com