Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAD1608 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAD1608 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAD1608
Download  FMAD1608 Download
File Size   481.14 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 2.92mm Male (Plug) to 2.92mm Male (Plug) Adapter with Stainless Steel Body

FMAD1608 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAD1608 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAD1608
Download  FMAD1608 Click to download

File Size   481.14 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Engineering Grade 2.92mm Male (Plug) to 2.92mm Male (Plug) Adapter with Stainless Steel Body

FMAD1608 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAD1608 Product details

Features:
• Gold Plated Beryllium
Copper Contact
• Max VSWR of 1.25:1
up to 40 GHz




Similar Part No. - FMAD1608

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAD1600 FAIRVIEW-FMAD1600 Datasheet
464Kb / 2P
RF Adapter, 45 Degree Angle TNC plug to TNC jack 18GHz VSWR1.2
REV 1
FMAD1601 FAIRVIEW-FMAD1601 Datasheet
465Kb / 2P
RF Adapter, 45 Degree Angle TNC jack to TNC jack 18GHz VSWR1.2
REV 1
FMAD1602 FAIRVIEW-FMAD1602 Datasheet
483Kb / 3P
Engineering Grade 1.85mm Male (Plug) to 1.85mm Male (Plug) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1603 FAIRVIEW-FMAD1603 Datasheet
489Kb / 3P
Engineering Grade 1.85mm Male (Plug) to 1.85mm Female (Jack) Adapter with Stainless Steel Body
REV 1.0 A
FMAD1604 FAIRVIEW-FMAD1604 Datasheet
493Kb / 3P
Engineering Grade 1.85mm Female (Jack) to 1.85mm Female (Jack) Adapter with Stainless Steel Body
REV 1.0 A
More results


Similar Description - FMAD1608

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9436 PASTERNACK-PE9436 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.92mm Male Adapter
PE7024-1 PASTERNACK-PE7024-1_16 Datasheet
240Kb / 4P
1 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-3 PASTERNACK-PE7024-3_16 Datasheet
239Kb / 4P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-10 PASTERNACK-PE7024-10_16 Datasheet
240Kb / 4P
10 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7024-20 PASTERNACK-PE7024-20_16 Datasheet
239Kb / 4P
20 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7046-6 PASTERNACK-PE7046-6_16 Datasheet
237Kb / 3P
6 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-0 PASTERNACK-PE7088-0_16 Datasheet
277Kb / 5P
0 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-2 PASTERNACK-PE7088-2_16 Datasheet
271Kb / 5P
2 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-3 PASTERNACK-PE7088-3_16 Datasheet
272Kb / 5P
3 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7088-30 PASTERNACK-PE7088-30_16 Datasheet
273Kb / 5P
30 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com