Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CBTLV3126 Datasheet (PDF) - Texas Instruments

SN74CBTLV3126 Datasheet PDF - Texas Instruments
Part # SN74CBTLV3126
Download  SN74CBTLV3126 Download
File Size   855.86 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBTLV3126-Q1 Low-Voltage Quadruple FET Bus Switch

SN74CBTLV3126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTLV3126 Datasheet PDF - Texas Instruments

Part # SN74CBTLV3126
Download  SN74CBTLV3126 Click to download

File Size   855.86 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN74CBTLV3126-Q1 Low-Voltage Quadruple FET Bus Switch

SN74CBTLV3126 Datasheet (HTML) - Texas Instruments


SN74CBTLV3126 Product details

1 Features
• Standard 126-type pinout
• 5-Ω switch connection between two ports
• Rail-to-rail switching on data I/O ports
• Ioff supports partial-power-down mode operation
• Latch-up performance exceeds 100 mA per JESD
78, Class II

2 Applications
• Analog and digital multiplexing and demultiplexing
• Diagnostics and monitoring
• Zonal Architecture
• Body control modules
• Battery management systems (BMS)
• HVAC control module
• ADAS
• On-board (OBC) and wireless charging
• Automotive head unit
• Telematics

3 Description
The SN74CBTLV3126-Q1 quadruple FET bus switch
features independent line switches. Each switch is
disabled when the associated output-enable (OE)
input is low.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device
when it is powered down. The SN74CBTLV3126-Q1
device has isolation during power off.
To ensure the high-impedance state during power up
or power down, OE should be tied to GND through a
pull down resistor; the minimum value of the resistor
is determined by the current-sinking capability of the
driver.




Similar Part No. - SN74CBTLV3126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
281Kb / 11P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
685Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI2-SN74CBTLV3126 Datasheet
2Mb / 31P
SN74CBTLV3126 Low-Voltage Quadruple FET Bus Switch
REVISED AUGUST 2022
SN74CBTLV3126 TI2-SN74CBTLV3126 Datasheet
3Mb / 39P
SN74CBTLV3126 Low-Voltage Quadruple FET Bus Switch
REVISED JANUARY 2026
More results


null - SN74CBTLV3126

nullnullnullnull
logo
Texas Instruments
SN74CBTLV3125 TI-SN74CBTLV3125 Datasheet
289Kb / 12P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3125 TI-SN74CBTLV3125_07 Datasheet
824Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3215 TI-SN74CBTLV3215 Datasheet
853Kb / 18P
LOW - voltage quadruple fet bus switch
SN74CBTLV3125 TI-SN74CBTLV3125_09 Datasheet
834Kb / 19P
Low-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_10 Datasheet
685Kb / 18P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126 Datasheet
211Kb / 7P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3126 UTC-U74CBTLV3126_15 Datasheet
219Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results



null