Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PU-16532 Datasheet (PDF) - Bud Industries, Inc.

PU-16532 Datasheet PDF - Bud Industries, Inc.
Part # PU-16532
Download  PU-16532 Download
File Size   452.84 Kbytes
Page   2 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description PU Series NEMA 6P/IP68 PC Enclosure

PU-16532 Datasheet (PDF)

Go To PDF Page Download Datasheet
PU-16532 Datasheet PDF - Bud Industries, Inc.

Part # PU-16532
Download  PU-16532 Click to download

File Size   452.84 Kbytes
Page   2 Pages
Manufacturer  BUD [Bud Industries, Inc.]
Direct Link  http://www.budind.com
Logo BUD - Bud Industries, Inc.
Description PU Series NEMA 6P/IP68 PC Enclosure

PU-16532 Datasheet (HTML) - Bud Industries, Inc.


PU-16532 Product details

Benefits and Features
• Modern streamlined design with multiple sizes to choose from
• Rated to NEMA 4X & 6P and Meets IP66 & IP68 requirements
• UL Listed to UL 508A, Type 1, 2, 4, 4X, 6, 6P, 12 & 13
• Designed and tested for a wide variety of outdoor applications
and adverse conditions
• Molded from durable, UV stabilized polycarbonate UL94 V0
rated
• Continuous silicone rubber gasket is pre-installed to ensure
watertight seal
• Stainless steel screws and brass inserts for cover assembling
• Mounting bosses in base
• All sizes include molded flanges for enclosure mounting
Accessories
• 0.060” Aluminum internal mounting panel (PUX prefix)
Applications
• Wi-Fi applications
• battery charging
• monitoring systems
• waste water
• agriculture
• GPS tracking
• automation & controls
Competition and Competitive Advantages
• Non-metallic IP68 / NEMA 6P enclosures
• UL94 V0 rating
• UV resistant for outdoor applications
Availability
• In Stock




Similar Part No. - PU-16532

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
PROGRAMMING UNIT
logo
DIWELL Electronics Co.,...
PU-2W DIWELL-PU-2W Datasheet
971Kb / 8P
2W UNREGULATED
2012/05/25
logo
rfsolutions.ltd
PU-4BA-315 RFSOLUTIONS-PU-4BA-315 Datasheet
136Kb / 5P
Antenna
PU-4BA-433 RFSOLUTIONS-PU-4BA-433 Datasheet
136Kb / 5P
Antenna
PU-4BA-916 RFSOLUTIONS-PU-4BA-916 Datasheet
136Kb / 5P
Antenna
More results


Similar Description - PU-16532

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
L712AS SWITCH-L712AS Datasheet
401Kb / 4P
IP68/ NEMA 250 (6P) Sealed Power Plug and Jack
logo
FIBOX Enclosing innovat...
6011902 FIBOX-6011902 Datasheet
68Kb / 3P
Enclosure. PC
05.08.2022
6011931 FIBOX-6011931 Datasheet
85Kb / 3P
Enclosure. PC
05.08.2022
6012331 FIBOX-6012331 Datasheet
445Kb / 3P
Enclosure. PC
05.08.2022
6012915 FIBOX-6012915 Datasheet
69Kb / 3P
Enclosure. PC
05.08.2022
6016324 FIBOX-6016324 Datasheet
72Kb / 3P
Enclosure. PC
08.08.2022
6016334 FIBOX-6016334 Datasheet
89Kb / 3P
Enclosure. PC
08.08.2022
8724003 FIBOX-8724003 Datasheet
66Kb / 2P
Enclosure, PC
13.01.2023
8724305 FIBOX-8724305 Datasheet
444Kb / 2P
Enclosure, PC
13.01.2023
logo
CamdenBoss Ltd.
CHD7310 CAMDENBOSS-CHD7310 Datasheet
465Kb / 2P
73 Series - IP68 Waterproof Enclosure
More results




About Bud Industries, Inc.


Bud Industries, Inc. is a manufacturer and supplier of electronic enclosures, cabinets, and accessories for a wide range of industries, including telecommunications, data storage, industrial automation, and military/aerospace. The company was founded in 1928 and is headquartered in Willoughby, Ohio, USA.

Bud Industries' product line includes a variety of enclosure types, such as metal and plastic boxes, rack-mount cabinets, and outdoor enclosures. These enclosures can be customized to meet specific requirements, such as size, shape, and material. The company also offers a range of accessories, such as mounting brackets, cable management systems, and ventilation fans.

In addition to its manufacturing capabilities, Bud Industries provides design and engineering services to help customers develop custom solutions for their unique needs. The company is known for its high-quality products, quick turnaround times, and exceptional customer service, and has received numerous awards for its innovative designs and commitment to excellence.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com