Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S24C32CH Datasheet (PDF) - ABLIC Inc.

S24C32CH Datasheet PDF - ABLIC Inc.
Part # S24C32CH
Download  S24C32CH Download
File Size   533.71 Kbytes
Page   38 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM

S24C32CH Datasheet (PDF)

Go To PDF Page Download Datasheet
S24C32CH Datasheet PDF - ABLIC Inc.

Part # S24C32CH
Download  S24C32CH Click to download

File Size   533.71 Kbytes
Page   38 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM

S24C32CH Datasheet (HTML) - ABLIC Inc.


S24C32CH Product details

Features
 Operating voltage range: Read 2.5 V to 5.5 V
Write 2.5 V to 5.5 V
 Page write: 32 bytes / page
 Sequential read
 Operation frequency: 400 kHz (VCC = 2.5 V to 5.5 V)
 Write time: 5.0 ms max.
 Noise suppression: Schmitt trigger and noise filter on input pins (SCL, SDA)
 Write protect function during the low power supply voltage
 Endurance: 106cycles/word*1 (Ta = 25°C)
3  105cycles/word*1 (Ta = 85°C)
2  105cycles/word*1 (Ta = 105°C)
 Data retention: 100 years (Ta = 25°C)
30 years (Ta = 85°C)
25 years (Ta = 105°C)
 Memory capacity: S-24C32C 32 K-bit
S-24C64C 64 K-bit
 Write protect: 100%
 Initial delivery state: FFh
 Operation temperature range: Ta = 40°C to 105°C
 Lead-free (Sn 100%), halogen-free
 AEC-Q100 qualified*2




Similar Part No. - S24C32CH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C32C SII-S24C32C Datasheet
503Kb / 35P
FOR AUTOMOTIVE 105째C OPERATION
More results


Similar Description - S24C32CH

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-25C010AH ABLIC-S-25C010AH Datasheet
512Kb / 36P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_C
S-25C320AH ABLIC-S-25C320AH Datasheet
484Kb / 34P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
S-25C160AH ABLIC-S-25C160AH Datasheet
504Kb / 34P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.3.0_01_H
S-25C128AH ABLIC-S-25C128AH Datasheet
445Kb / 31P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_H
S-25C080AH ABLIC-S-25C080AH Datasheet
463Kb / 31P
105°C OPERATION SPI SERIAL E2PROM FOR AUTOMOTIVE
Rev.2.3_03_C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com