Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F27-19MM Datasheet (PDF) - 3M Electronics

F27-19MM Datasheet PDF - 3M Electronics
Part # F27-19MM
Download  F27-19MM Download
File Size   15.05 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch®27 Glass Cloth Electrical Tape

F27-19MM Datasheet (PDF)

Go To PDF Page Download Datasheet
F27-19MM Datasheet PDF - 3M Electronics

Part # F27-19MM
Download  F27-19MM Click to download

File Size   15.05 Kbytes
Page   2 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch®27 Glass Cloth Electrical Tape

F27-19MM Datasheet (HTML) - 3M Electronics


F27-19MM Product details

Product Description
Scotch 27 Glass Cloth Electrical Tape is a woven glass cloth tape designed to operate in 600-volt dry applications requiring high mechanical strength and resistance to high temperatures. The adhesive is a pressure-sensitive rubber thermosetting system. The glass cloth is specially treated and prepared to provide corrosion-free protection. The glass cloth will not shrink, rot, or burn and has a high tensile strength.
· Contains pressure-sensitive thermosetting adhesive which performs at Class B temperature (266°F/130°C)
· Provides heat stable insulation for hot spot applications
· UL Recognized Component listing for 150°C (Guide OANZ2, File E17385)
· CSA Accepted Component 130°C, File LR93411
· Excellent tensile and dielectric strength

Applications
· Insulating electric and induction type furnace power supply leads
· Securing systems requiring high mechanical strength and resistance to high temperatures
· Splicing wire that is rated 130°C
· Insulating motor lead connections, switches and controls for furnaces and ovens
· Reinforcing insulation in electrical installations where heavy loads cause high heat and breakdown of original insulation (e.g., motor leads and switches)




Similar Part No. - F27-19MM

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
F27 DYELEC-F27 Datasheet
2Mb / 2P
SINGLE PHASE 2.0AMP SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Tyco Electronics
F27135-000 MACOM-F27135-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
F27156-000 MACOM-F27156-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
Vishay Siliconix
F271K20Y5RL63J0R VISHAY-F271K20Y5RL63J0R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
F271K20Y5RL63J5R VISHAY-F271K20Y5RL63J5R Datasheet
112Kb / 7P
Ceramic Disc Capacitors, Class 1, Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC, and 3 kVDC
07-Oct-16
More results


Similar Description - F27-19MM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1502 3M-1502 Datasheet
176Kb / 2P
Venture Tape™ Metallized Cloth Duct
Apr-2015
398FR 3M-398FR Datasheet
14Kb / 2P
Glass Cloth Tape
06-Feb-2003
6910 3M-6910 Datasheet
14Kb / 2P
Cloth Gaffers Tape
5153 3M-5153 Datasheet
30Kb / 2P
PTFE Glass Cloth Tapes
Jun-2011
3650 3M-3650 Datasheet
14Kb / 2P
Thermosetable Glass Cloth Tapes
May-2003
GT2 3M-GT2 Datasheet
245Kb / 2P
Premium Matte Cloth (Gaffers) Tape GT
390 3M-390 Datasheet
572Kb / 5P
3M??Scotch짰 Polyethylene Coated Cloth Tape
5451 3M-5451 Datasheet
318Kb / 2P
PTFE Glass Cloth Tape
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com