Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE01108 Datasheet (PDF) - pro-elec

PE01108 Datasheet PDF - pro-elec
Part # PE01108
Download  PE01108 Download
File Size   193.47 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Power Cord C14 Inlet to C5 Socket

PE01108 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE01108 Datasheet PDF - pro-elec

Part # PE01108
Download  PE01108 Click to download

File Size   193.47 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description Power Cord C14 Inlet to C5 Socket

PE01108 Datasheet (HTML) - pro-elec


PE01108 Product details

Description
Power Cord, C14 Inlet to C5 Socket, 2.5A, 5m, Black




Similar Part No. - PE01108

ManufacturerPart #DatasheetDescription
logo
pro-elec
PE01107 PRO-ELEC-PE01107 Datasheet
193Kb / 1P
Power Cord C14 Inlet to C5 Socket
V1.0 16/09/20
More results


Similar Description - PE01108

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2530 SCHURTER-2530 Datasheet
360Kb / 2P
Power Cord with IEC Connector C5, Straight
logo
Tripp Lite. All Rights ...
P01406N TRIPPLITE-P01406N Datasheet
480Kb / 2P
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-in
P014006 TRIPPLITE-P014006 Datasheet
480Kb / 2P
Standard Laptop Power Adapter Cord, 2.5A, 18AWG (IEC-320-C14 to IEC-320-C5), 6-ft
logo
CUI INC
AC7-DK CUI-AC7-DK Datasheet
142Kb / 2P
IEC C5 AC POWER CORD, europe
AC8-DK CUI-AC8-DK Datasheet
193Kb / 2P
IEC C5 ac POWER cord, UK
logo
Tripp Lite. All Rights ...
P014-000 TRIPPLITE-P014-000 Datasheet
159Kb / 2P
IEC C14 to IEC C5 Power Cord Adapter - 10A, 250V, Black
P014-006 TRIPPLITE-P014-006 Datasheet
161Kb / 2P
Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 ft., Black
P014-06N TRIPPLITE-P014-06N Datasheet
161Kb / 2P
Laptop Power Adapter Cord, C14 to C5 Adapter - 2.5A, 100??50V, 18 AWG, 6 in., Black
logo
CUI Devices
AC7-DK CUID-AC7-DK Datasheet
332Kb / 2P
IEC C5 AC POWER CORD, EUROPE
10/25/2022
AC8-DK CUID-AC8-DK Datasheet
277Kb / 2P
IEC C5 AC POWER CORD, UK
10/25/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com