Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21835 Datasheet (PDF) - Analog Devices

ADSP-21835 Datasheet PDF - Analog Devices
Part # ADSP-21835
Download  ADSP-21835 Download
File Size   3595.74 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance SHARC-FX DSP Core High Performance SHARC-FX DSP Core

ADSP-21835 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-21835 Datasheet PDF - Analog Devices

Part # ADSP-21835
Download  ADSP-21835 Click to download

File Size   3595.74 Kbytes
Page   124 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Performance SHARC-FX DSP Core High Performance SHARC-FX DSP Core

ADSP-21835 Datasheet (HTML) - Analog Devices


ADSP-21835 Product details

SYSTEM FEATURES
SHARC-FX high performance floating-point core
256-bit vector size
Peak performance at 1 GHz core frequency: 24 GFLOPS,
8 GMAC (32-bit float), 16 GMAC (16-bit fixed)
64/512 kB L1 instruction/data RAM with ECC
32/256 kB L1 instruction/data cache with ECC
Arm Cortex-M33 connectivity core
400 MHz frequency, 64/128 kB instruction/data RAM with
parity protection
Memory
Parallel operation with dedicated memory, DMA, and
multichannel support
Up to 16 Mb (2 MB) on-chip L2 SRAM with ECC protection
One Level 3 (L3) 16-bit interface to DDR3L SDRAM devices
On-board accelerators
Two FIR engines (up to 1 GHz, 4 taps per cycle)
Four IIR engines (up to 1 GHz, 6 cycles per biquad each)
Security
Cryptographic hardware accelerators
Fast secure boot with IP protection
PACKAGE, KEY PERIPHERALS, AND COMPATIBILITY
17 mm × 17 mm, 400-ball BGA_ED (0.8 mm pitch),
RoHS compliant
Ethernet, HyperBus, CAN-FD, HADC, I2C, ASRC/SPORT
ADSP-2156x and ADSP-2159x layout-compatible options
AEC-Q100 qualified for automotive applications

APPLICATIONS
Automotive: audio for head units and amplifiers, ANC/RNC,
digital cockpit, ICC, AEC/Mic beamforming, ADAS
Consumer: speakers, sound bars, AVRs, conferencing
systems, mixing consoles, microphone arrays




Similar Part No. - ADSP-21835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2183BST-115 AD-ADSP-2183BST-115 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2183BST-115 AD-ADSP-2183BST-115 Datasheet
231Kb / 31P
DSP Microcomputer
REV. C
ADSP-2183BST-133 AD-ADSP-2183BST-133 Datasheet
252Kb / 31P
DSP Microcomputer
REV.C
ADSP-2183BST-133 AD-ADSP-2183BST-133 Datasheet
231Kb / 31P
DSP Microcomputer
REV. C
More results


Similar Description - ADSP-21835

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD14160 AD-AD14160 Datasheet
1Mb / 52P
Quad-SHARC DSP Multiprocessor Family
ADSP-21061 AD-ADSP-21061_15 Datasheet
870Kb / 52P
Commercial Grade SHARC DSP Microcomputer
Rev. D
ADSP-SC582 AD-ADSP-SC582 Datasheet
3Mb / 168P
SHARC plus Dual Core DSP with ARM Cortex-A5
Rev. PrF
ADSP-21566 AD-ADSP-21566 Datasheet
2Mb / 98P
SHARC Single Core High Performance DSP (Up to 1 GHz)
3/2020-Revision 0
ADSP-SC570 AD-ADSP-SC570 Datasheet
3Mb / 142P
SHARC Dual-Core DSP with ARM Cortex-A5
6/2018-Rev. A to Rev. B
ADSP-21562 AD-ADSP-21562 Datasheet
2Mb / 104P
SHARC Single Core High Performance DSP (Up to 1 GHz)
2/2021-Rev. A to Rev. B
ADSP-21591 AD-ADSP-21591 Datasheet
3Mb / 143P
SHARC Dual-Core DSP with Arm Cortex-A5
5/2021-Rev. PrC to Rev. PrD
ADSP-SC582 AD-ADSP-SC582_V01 Datasheet
3Mb / 173P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. B
ADSP-21591 AD-ADSP-21591_V01 Datasheet
3Mb / 145P
SHARC Dual-Core DSP with Arm Cortex-A5
Rev. A
ADSP-SC595 AD-ADSP-SC595 Datasheet
3Mb / 134P
SHARC Dual-Core DSP with Arm Cortex-A55
Rev. PrD
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com