Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG432BN Datasheet (PDF) - Analog Devices

ADG432BN Datasheet PDF - Analog Devices
Part # ADG432BN
Download  ADG432BN Download
File Size   137.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC²MOS Precision Quad SPST Switches

ADG432BN Datasheet (PDF)

Go To PDF Page Download Datasheet
ADG432BN Datasheet PDF - Analog Devices

Part # ADG432BN
Download  ADG432BN Click to download

File Size   137.28 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC²MOS Precision Quad SPST Switches

ADG432BN Datasheet (HTML) - Analog Devices


ADG432BN Product details

FEATURES
44 V Supply Maximum Ratings
15 V Analog Signal Range
Low On Resistance (<24 )
Ultralow Power Dissipation (3.9 W)
Low Leakage (<0.25 nA)
Fast Switching Times
tON <165 ns
tOFF <130 ns
Break-Before-Make Switching Action
TTL/CMOS Compatible
Plug-in Replacement for DG411/DG412/DG413

APPLICATIONS
Audio and Video Switching
Automatic Test Equipment
Precision Data Acquisition
Battery Powered Systems
Sample Hold Systems
Communication Systems

GENERAL DESCRIPTION
The ADG431, ADG432 and ADG433 are monolithic CMOS devices comprising four independently selectable switches. They are designed on an enhanced LC2MOS process which provides low power dissipation yet gives high switching speed and low on resistance.
The on resistance profile is very flat over the full analog input range ensuring excellent linearity and low distortion when switching audio signals. Fast switching speed coupled with high signal bandwidth also make the parts suitable for video signal switching. CMOS construction ensures ultralow power dissipation making the parts ideally suited for portable and battery powered instruments.
The ADG431, ADG432 and ADG433 contain four independent SPST switches. The ADG431 and ADG432 differ only in that the digital control logic is inverted. The ADG431 switches are turned on with a logic low on the appropriate control input, while a logic high is required for the ADG432. The ADG433 has two switches with digital control logic similar to that of the ADG431 while the logic is inverted on the other two switches.
Each switch conducts equally well in both directions when ON and has an input signal range which extends to the supplies. In the OFF condition, signal levels up to the supplies are blocked. All switches exhibit break before make switching action for use in multiplexer applications. Inherent in the design is low charge injection for minimum transients when switching the digital inputs.




Similar Part No. - ADG432BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG432BN AD-ADG432BN Datasheet
119Kb / 8P
LC2MOS Precision Quad SPST Switches
REV.B
ADG432BN AD-ADG432BN Datasheet
137Kb / 8P
LC2MOS Precision Quad SPST Switches
REV. C
More results


Similar Description - ADG432BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG222 AD-ADG222_15 Datasheet
235Kb / 6P
LC MOS QUAD SPST SWITCHES
REV. B
ADG411 AD-ADG411_15 Datasheet
223Kb / 16P
LC MOS Precision Quad SPST Switches
REV. D
ADG412 AD-ADG412_15 Datasheet
223Kb / 16P
LC MOS Precision Quad SPST Switches
REV. D
ADG413 AD-ADG413_15 Datasheet
223Kb / 16P
LC MOS Precision Quad SPST Switches
REV. D
ADG431 AD-ADG431_15 Datasheet
137Kb / 8P
LC MOS Precision Quad SPST Switches
REV. C
ADG432 AD-ADG432_15 Datasheet
137Kb / 8P
LC MOS Precision Quad SPST Switches
REV. C
ADG433 AD-ADG433_15 Datasheet
137Kb / 8P
LC MOS Precision Quad SPST Switches
REV. C
ADG441 AD-ADG441_15 Datasheet
314Kb / 16P
LC MOS Quad SPST Switches
REV. B
ADG442 AD-ADG442_15 Datasheet
314Kb / 16P
LC MOS Quad SPST Switches
REV. B
ADG444 AD-ADG444_15 Datasheet
314Kb / 16P
LC MOS Quad SPST Switches
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com