Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTA30 Datasheet (PDF) - Vishay Siliconix

LTA30 Datasheet PDF - Vishay Siliconix
Part # LTA30
Download  LTA30 Download
File Size   103.6 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 W Power Resistor Thick Film Technology

LTA30 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTA30 Datasheet PDF - Vishay Siliconix

Part # LTA30
Download  LTA30 Click to download

File Size   103.6 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 30 W Power Resistor Thick Film Technology

LTA30 Datasheet (HTML) - Vishay Siliconix


LTA30 Product details

FEATURES
• 30 W at 50 °C case temperature heatsink
mounted
• Direct mounting ceramic on heatsink
• Broad resistance range: 0.010 Ω to 450 kΩ
• Non inductive
• TO-220 package: compact and easy to mount
• AEC-Q200 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912




Similar Part No. - LTA30

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
LTA301N SAMSUNG-LTA301N Datasheet
1Mb / 28P
SAMSUNG TFT-LCD
May. 15, 2009
More results


Similar Description - LTA30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RTO50 VISHAY-RTO50 Datasheet
121Kb / 4P
Power Resistor, Thick Film Technology
14-Jan-05
LTO30 VISHAY-LTO30 Datasheet
78Kb / 4P
30 Watt Power Resistor Thick Film Technology
30-May-06
LTO50 VISHAY-LTO50 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO100 VISHAY-LTO100 Datasheet
90Kb / 4P
Power Resistor Thick Film Technology
26-Mar-07
LTO030F47R00JTE3 VISHAY-LTO030F47R00JTE3 Datasheet
94Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO050F1R000JTE3 VISHAY-LTO050F1R000JTE3 Datasheet
109Kb / 4P
Power Resistor Thick Film Technology
16-Oct-08
LTO30 VISHAY-LTO30_15 Datasheet
87Kb / 5P
30 W Power Resistor Thick Film Technology
01-Aug-13
LTO100 VISHAY-LTO100_15 Datasheet
103Kb / 5P
Power Resistor Thick Film Technology
08-Dec-14
LTO-50 VISHAY-LTO-50 Datasheet
102Kb / 5P
Power Resistor Thick Film Technology
09-Dec-15
LTO100 VISHAY-LTO100_V01 Datasheet
107Kb / 6P
Power Resistor Thick Film Technology
08-Dec-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com