Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4410-6 Datasheet (PDF) - Analog Devices

ADA4410-6 Datasheet PDF - Analog Devices
Part # ADA4410-6_V01
Download  ADA4410-6 Download
File Size   500.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV

ADA4410-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4410-6 Datasheet PDF - Analog Devices

Part # ADA4410-6_V01
Download  ADA4410-6 Click to download

File Size   500.71 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV

ADA4410-6 Datasheet (HTML) - Analog Devices


ADA4410-6 Product details

FEATURES
Sixth-order filters with selectable cutoff frequencies
36 MHz, 18 MHz, 9 MHz
Many video standards supported
RGB/YPbPr/YUV/SD/YC/CV
Ideal for resolutions up to 1080i
−1 dB bandwidth of 30 MHz for HD
2:1 multiplexers on all inputs
Selectable gain: ×2 or ×4
DC output offset adjust: ±0.5 V, input referred
Excellent video specifications
NTSC differential gain: 0.11%
NTSC differential phase: 0.25°
Low input bias current: 6.6 μA
Wide supply range: +4.5 V to ±5 V
Rail-to-rail output
Typical output swing of 4.5 V p-p on single 5 V supply
Disable feature




Similar Part No. - ADA4410-6_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4410-6ACPZ-R2 AD-ADA4410-6ACPZ-R2 Datasheet
457Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
3/06-Rev. A to Rev. B
ADA4410-6ACPZ-R7 AD-ADA4410-6ACPZ-R7 Datasheet
457Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
3/06-Rev. A to Rev. B
ADA4410-6ACPZ-RL AD-ADA4410-6ACPZ-RL Datasheet
457Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
3/06-Rev. A to Rev. B
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
Integrated Video Filter with Selectable Cutoff
REV. B
More results


Similar Description - ADA4410-6_V01

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419 Datasheet
160Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
FMS6366 FAIRCHILD-FMS6366 Datasheet
517Kb / 7P
Selectable YPbPr HD/SD 4:2:2 Video Filter Driver with Y, C and Composite Outputs
FMS6417A FAIRCHILD-FMS6417A Datasheet
264Kb / 14P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
FMS6417 FAIRCHILD-FMS6417 Datasheet
137Kb / 12P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
logo
Analog Devices
ADA4410-6 AD-ADA4410-6 Datasheet
457Kb / 16P
Integrated Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD Y, C, and CV
3/06-Rev. A to Rev. B
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
7/05-Revision 0
ADA4411-3 AD-ADA4411-3 Datasheet
397Kb / 16P
Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB, HD/SD
7/05-Revision 0
logo
Fairchild Semiconductor
FMS6419 FAIRCHILD-FMS6419_05 Datasheet
125Kb / 10P
Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
Triple video buffer with selectable filter for HD and SD video applications
May-2007
logo
Analog Devices
ADA4410-6 AD-ADA4410-6_15 Datasheet
458Kb / 16P
Integrated Video Filter with Selectable Cutoff
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com