Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9131-A Datasheet (PDF) - Renesas Technology Corp

DA9131-A Datasheet PDF - Renesas Technology Corp
Part # DA9131-A
Download  DA9131-A Download
File Size   1101.38 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, Dual-Channel DC-DC Converter for Automotive Applications

DA9131-A Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9131-A Datasheet PDF - Renesas Technology Corp

Part # DA9131-A
Download  DA9131-A Click to download

File Size   1101.38 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High-Performance, Dual-Channel DC-DC Converter for Automotive Applications

DA9131-A Datasheet (HTML) - Renesas Technology Corp


DA9131-A Product details

▪ 2.8 V to 5.5 V input voltage
▪ 0.3 V to 1.9 V output voltage
▪ Up to 5 A output current per channel
▪ 4 MHz nominal switching frequency
▪ Dual-channel
▪ 220 nH inductor per channel
▪ 20 µF output capacitor
▪ ±1 % output voltage accuracy (static)
▪ ±5 % load transient (dynamic)
▪ Programmable GPIOs
▪ Programmable soft startup
▪ I2C-compatible interface (FM+)
▪ Voltage, current, and temperature supervision
▪ 24-pin FCQFN package, wettable flanks (nom.3.3 mm x 4.8 mm)
▪ 218 mm² total solution area
▪ -40 °C to +105 ºC ambient temperature range
▪ AEC-Q100 Grade 2 qualified for Automotive applications




Similar Part No. - DA9131-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
More results


Similar Description - DA9131-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9130-A DIALOG-DA9130-A Datasheet
1Mb / 46P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9131-A DIALOG-DA9131-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
DA9132-A DIALOG-DA9132-A Datasheet
1Mb / 56P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
logo
Renesas Technology Corp
DA9130-A RENESAS-DA9130-A Datasheet
975Kb / 45P
High-Performance, 10 A, Dual-Phase DC-DC Converter for Automotive Applications
14-Apr-2022
DA9131-A RENESAS-DA9131-A Datasheet
986Kb / 57P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
DA9132-A RENESAS-DA9132-A Datasheet
1,015Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Automotive Applications
25-May-2022
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com