Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10061455 Datasheet (PDF) - ROSE Systemtechnik GmbH

10061455 Datasheet PDF - ROSE Systemtechnik GmbH
Part # 10061455
Download  10061455 Download
File Size   601.3 Kbytes
Page   3 Pages
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH
Description Aluminium Enclosure Standard 140 x 200 x 91 mm

10061455 Datasheet (PDF)

Go To PDF Page Download Datasheet
10061455 Datasheet PDF - ROSE Systemtechnik GmbH

Part # 10061455
Download  10061455 Click to download

File Size   601.3 Kbytes
Page   3 Pages
Manufacturer  ROSE [ROSE Systemtechnik GmbH]
Direct Link  https://www.rose-systemtechnik.com/en/
Logo ROSE - ROSE Systemtechnik GmbH
Description Aluminium Enclosure Standard 140 x 200 x 91 mm

10061455 Datasheet (HTML) - ROSE Systemtechnik GmbH




Similar Part No. - 10061455

ManufacturerPart #DatasheetDescription
logo
3M Electronics
100614 3M-100614 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
ROSE Systemtechnik GmbH
10061423 ROSE-10061423 Datasheet
486Kb / 3P
Polyester Enclosure Standard 160 x 160 x 91 mm
More results


Similar Description - 10061455

ManufacturerPart #DatasheetDescription
logo
Weidmuller
0342600000 WEIDMULLER-0342600000 Datasheet
97Kb / 2P
Housings, 91 mm, 160 mm, 350 mm, Aluminium alloy (AlSi12)
logo
FIBOX Enclosing innovat...
7811080 FIBOX-7811080 Datasheet
443Kb / 2P
Enclosure, aluminium
11.01.2023
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
logo
Delta Electronics, Inc.
FFB1424GHE DELTA-FFB1424GHE Datasheet
929Kb / 1P
140 x 140 x 38 MM SERIES
logo
FIBOX Enclosing innovat...
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com