Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B540C Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

B540C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # B540C
Download  B540C Download
File Size   86.19 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

B540C Datasheet (PDF)

Go To PDF Page Download Datasheet
B540C Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # B540C
Download  B540C Click to download

File Size   86.19 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS

B540C Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


B540C Product details

REVERSE VOLTAGE: 20 --- 60 V
CURRENT: 5.0 A

FEATURES
◇Built-in strain relief
◇Low power loss,high effciency
◇ Plastic package has Underwriters Laborator
   Flammability Classification 94V-0
◇High temperature soldering guaranteed:250°C/10 seconds at terminals
◇Low profile package
◇For surface mounted applications
◇High current capability,low forward voltage drop
◇For use in low voltage high frequency inverters,free wheeling and polarity protection applications
◇Guardring for overvoltage protection
◇Metal silicon junction, majority carrier conduction
◇High surge capability




Similar Part No. - B540C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B540C DIODES-B540C Datasheet
48Kb / 2P
5.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13012 Rev. C-2
logo
Shenzhen Luguang Electr...
B540C LUGUANG-B540C Datasheet
187Kb / 2P
Surface Mount Schottky Barrier Rectifiers
logo
Unisonic Technologies
B540C UTC-B540C Datasheet
103Kb / 3P
5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Kexin Industr...
B540C KEXIN-B540C Datasheet
578Kb / 2P
Schottky Diodes
logo
Microdiode Semiconducto...
B540C CHENDA-B540C Datasheet
535Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - B540C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com