Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBA710S Datasheet (PDF) - Littelfuse

LBA710S Datasheet PDF - Littelfuse
Part # LBA710S
Download  LBA710S Download
File Size   231.15 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V, 1A Dual Single-Pole Relays

LBA710S Datasheet (PDF)

Go To PDF Page Download Datasheet
LBA710S Datasheet PDF - Littelfuse

Part # LBA710S
Download  LBA710S Click to download

File Size   231.15 Kbytes
Page   9 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 60V, 1A Dual Single-Pole Relays

LBA710S Datasheet (HTML) - Littelfuse


LBA710S Product details

Features
• Low On-Resistance (0.6)
• Low Control Current (2mA)
• 3750Vrms Input/Output Isolation
• 100% Solid State
• Low Drive Power Requirements
• No EMI/RFI Generation
• Surface Mount Version
• Small 8-Pin Package
• Tape & Reel available

Applications
• Security
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Medical Equipment-Patient/Equipment Isolation
• Industrial Controls

Description
LBA710 is a 60V, 1A, 0.6 dual Solid State Relay
integrating independent single-pole normally open
(1-Form-A) and single-pole normally closed
(1-Form-B) relays into a single package. It features
a superior combination of low on-resistance and 1A
load current handling capability.




Similar Part No. - LBA710S

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LBA710S IXYS-LBA710S Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
LBA710STR IXYS-LBA710STR Datasheet
146Kb / 9P
Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
More results


Similar Description - LBA710S

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA190 CLARE-PAA190 Datasheet
182Kb / 6P
Dual Single Pole OptoMOS Relays
PAA191 CLARE-PAA191 Datasheet
253Kb / 6P
Dual Single Pole OptoMOS Relays
PAA132 CLARE-PAA132_1 Datasheet
137Kb / 6P
Dual Single-Pole OptoMOS짰 Relays
logo
IXYS Corporation
LAA100 IXYS-LAA100_12 Datasheet
133Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
LAA125L IXYS-LAA125L Datasheet
134Kb / 7P
Dual Single Pole OptoMOS Relays
PAA132 IXYS-PAA132 Datasheet
131Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA110L IXYS-PAA110L Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA140 IXYS-PAA140 Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
PAA191 IXYS-PAA191 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com