Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCW20W8 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

SCW20W8 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # SCW20W8
Download  SCW20W8 Download
File Size   269.78 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter

SCW20W8 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCW20W8 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # SCW20W8
Download  SCW20W8 Click to download

File Size   269.78 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter

SCW20W8 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


SCW20W8 Product details

Features
DIP24 package with industry standard pinout
8:1(9-75Vdc) ultra-wide input range
Operating temperature range -40 ~ +95
No minimum load required
Comply to BS EN/EN55032 radiated Class A without
additional components
High efficiency up to 88%
Protections: Short circuit (Continuous) / Overload / Over voltage.
Remote ON/OFF control
3Kvdc I/O isolation
3 years warranty




Similar Part No. - SCW20W8

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
SCW20A-05 MEANWELL-SCW20A-05 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
SCW20A-12 MEANWELL-SCW20A-12 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
SCW20A-15 MEANWELL-SCW20A-15 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
SCW20B-05 MEANWELL-SCW20B-05 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
More results


Similar Description - SCW20W8

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
WRA-YD-20W MICRODC-WRA-YD-20W Datasheet
1Mb / 3P
20W, Wide Input,DIP Package style,Isolated&Regulated Dual/Single Output DC-DC Converters
logo
Mean Well Enterprises C...
SCW20 MEANWELL-SCW20 Datasheet
111Kb / 5P
20W DIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URE1D12LD-20WR3 MORNSUN-URE1D12LD-20WR3 Datasheet
3Mb / 8P
20W, Ultra wide input, isolated & regulated Dual output, DC/DC converter
VRB1203YMD-20WR3 MORNSUN-VRB1203YMD-20WR3 Datasheet
1Mb / 6P
20W,wide input isolated & regulated single output ,DIP packaging, DC-DC converter
URA2405ZP-6WR3 MORNSUN-URA2405ZP-6WR3 Datasheet
2Mb / 5P
6W,Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URA2405ZP-10WR3 MORNSUN-URA2405ZP-10WR3 Datasheet
1Mb / 5P
10W, Ultra wide input, isolated & regulated dual/ single output, DIP package, DC-DC converter
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
URB2405JMDT-10W MORNSUN-URB2405JMDT-10W Datasheet
1Mb / 6P
10W, Ultra wide input, isolated & regulated single output, DIP/SMD package, DC-DC converter
UW2405D-20W MORNSUN-UW2405D-20W Datasheet
579Kb / 4P
20W, Ultra wide input isolated & regulated single output DC/DC converter
URA2405YMD-20WR3 MORNSUN-URA2405YMD-20WR3 Datasheet
1Mb / 5P
20W, Ultra wide input isolated & regulated dual output , DIP packaging, DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com