Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL74101 Datasheet (PDF) - Analog Devices

ADPL74101 Datasheet PDF - Analog Devices
Part # ADPL74101
Download  ADPL74101 Download
File Size   1563.05 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V Synchronous Step-Down Controller with Internal Bootstrap Switch

ADPL74101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL74101 Datasheet PDF - Analog Devices

Part # ADPL74101
Download  ADPL74101 Click to download

File Size   1563.05 Kbytes
Page   49 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100V Synchronous Step-Down Controller with Internal Bootstrap Switch

ADPL74101 Datasheet (HTML) - Analog Devices


ADPL74101 Product details

FEATURES
 Wide VIN Range: 4V to 100V
 Wide output voltage range: 0.8V ≤ VOUT ≤ 60V
 Internal Bootstrap Switch for the High-Side Gate
Driver Stage
 Accurate Adjustable Driver Voltage with UVLO
Protection
 Selectable Continuous, Pulse-Skipping, or Burst
Mode Operation at Light Loads
 Programmable Output Voltage with VPRG Pin
(5V or 12V)
 Current Limit Foldback during Short Fault
 Low Operating IQ: 5μA (48VIN to 5VOUT)
 Programmable Frequency (100kHz to 1MHz)
 Synchronizable Frequency (100kHz to 1MHz)
 Spread Spectrum Frequency Modulation
 28-Lead (4mm × 5mm), QFN Package




Similar Part No. - ADPL74101

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL76030 AD-ADPL76030 Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030AUFDPBF AD-ADPL76030AUFDPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030AUFDTRPBF AD-ADPL76030AUFDTRPBF Datasheet
1Mb / 40P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev.0
ADPL76030EUFD#PBF AD-ADPL76030EUFD#PBF Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
ADPL76030 AD-ADPL76030_V01 Datasheet
1Mb / 42P
55 V, 1.4 MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
Rev. A
More results


Similar Description - ADPL74101

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
logo
Vishay Siliconix
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
Synchronous Step Down Controller
10-Oct-05
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
Synchronous Step Down Controller
10-Oct-05
logo
STMicroelectronics
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
Synchronous Step-Down Controller with DDR
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com