Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPL42010ABRCZ-1.8 Datasheet (PDF) - Analog Devices

ADPL42010ABRCZ-1.8 Datasheet PDF - Analog Devices
Part # ADPL42010ABRCZ-1.8
Download  ADPL42010ABRCZ-1.8 Download
File Size   779.26 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 1A, Fast Transient Response LDO Regulator

ADPL42010ABRCZ-1.8 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADPL42010ABRCZ-1.8 Datasheet PDF - Analog Devices

Part # ADPL42010ABRCZ-1.8
Download  ADPL42010ABRCZ-1.8 Click to download

File Size   779.26 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20V, 1A, Fast Transient Response LDO Regulator

ADPL42010ABRCZ-1.8 Datasheet (HTML) - Analog Devices


ADPL42010ABRCZ-1.8 Product details

FEATURES
Optimized for Fast Transient Response
Output Current: 1A
Dropout Voltage: 400mV
Noise: 70μVRMS (10Hz to 100kHz)
1mA Quiescent Current
No Protection Diodes Needed
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
Adjustable Output from 1.21V to 20V
<1μA Quiescent Current in Shutdown
Stable with 10μF Output Capacitor (see the Applications Information section)
Stable with Ceramic Capacitors (see the Applications Information section)
Reverse Battery Protection
No Reverse Current
Thermal Limiting
3-Lead SOT-223 and 8-Lead SO Packages




Similar Part No. - ADPL42010ABRCZ-1.8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPL42001 AD-ADPL42001 Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+ AD-ADPL42001ATT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001ATT+T AD-ADPL42001ATT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+ AD-ADPL42001AZT+ Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
ADPL42001AZT+T AD-ADPL42001AZT+T Datasheet
1Mb / 17P
4V to 20V, 100mA, Ultra-Low Quiescent Current, Linear Regulator
Rev. 0; 9/24
More results


Similar Description - ADPL42010ABRCZ-1.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
7.5A Fast-Response LDO Regulator
logo
List of Unclassifed Man...
RT9166 ETC1-RT9166 Datasheet
198Kb / 14P
300/600mA, Ultra-Fast Transient Response LDO Regulator
logo
Richtek Technology Corp...
RT9001 RICHTEK-RT9001 Datasheet
158Kb / 9P
600mA, Ultra-Fast Transient Response LDO Regulator
RT9166 RICHTEK-RT9166 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9166 RICHTEK-RT9166_08 Datasheet
193Kb / 15P
300/600mA, Ultra-Fast Transient Response LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
3A Fast-Response LDO Regulator
logo
ARTSCHIP ELECTRONICS CO...
2N2220 ARTSCHIP-2N2220 Datasheet
84Kb / 2P
Ultra-Fast Transient Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
3A Fast-Response LDO Regulator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com