Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6601-1 Datasheet (PDF) - Analog Devices

LTC6601-1 Datasheet PDF - Analog Devices
Part # LTC6601-1
Download  LTC6601-1 Download
File Size   490.05 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver

LTC6601-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6601-1 Datasheet PDF - Analog Devices

Part # LTC6601-1
Download  LTC6601-1 Click to download

File Size   490.05 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver

LTC6601-1 Datasheet (HTML) - Analog Devices


LTC6601-1 Product details

FEATURES
n Pin Confi gurable Gain and Filter Response
Up to 28MHz
n Few External Components Required
n Resistors Trimmed to 0.5% Typical
n Capacitors Trimmed to 0.5% Typical
n Very Low Noise: 80dB S/N in 100MHz Bandwidth
n Very Low Distortion (2VP-P):
1MHz: –100dBc 2nd, –123dBc 3rd
10MHz: –72dBc 2nd, –103dBc 3rd
n Adjustable Output Common Mode Voltage
n Rail-to-Rail Output Swing
n Power Confi gurability and Low Power Shutdown
n Tiny 0.75mm 20-Lead (4mm × 4mm) QFN Package




Similar Part No. - LTC6601-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6601-1 LINER-LTC6601-1 Datasheet
483Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
logo
Analog Devices
LTC6601-1 AD-LTC6601-1 Datasheet
480Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
logo
Linear Technology
LTC6601-1 LINER-LTC6601-1_15 Datasheet
495Kb / 40P
Low Noise, 0.5 Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
More results


Similar Description - LTC6601-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6601-1 LINER-LTC6601-1 Datasheet
483Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
High Current Software Confi gurable Multidisplay LED Controller
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
LTC3675 LINER-LTC3675 Datasheet
419Kb / 36P
7-Channel Confi gurable High Power PMIC
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LTC6601-1 LINER-LTC6601-1_15 Datasheet
495Kb / 40P
Low Noise, 0.5 Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2_15 Datasheet
480Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com