Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBPC25005W Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

KBPC25005W Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # KBPC25005W
Download  KBPC25005W Download
File Size   77.0 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

KBPC25005W Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC25005W Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # KBPC25005W
Download  KBPC25005W Click to download

File Size   77.0 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SILICON BRIDGE RECTIFIERS

KBPC25005W Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


KBPC25005W Product details

VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 25.0 A

FEATURES
◇ Rating to 1000V PRV
◇ Surge overload rating to 300 Amperes peak
◇ Ideal for printed circuit board
◇ Reliable low cost construction utilizing molded plastic technique results in inexpensive product
◇ Lead solderable per MIL-STD-202 method 208




Similar Part No. - KBPC25005W

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC25005W DCCOM-KBPC25005W Datasheet
426Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC25005W DAESAN-KBPC25005W Datasheet
231Kb / 2P
CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
logo
CHENG-YI ELECTRONIC CO....
KBPC25005W CHENG-YI-KBPC25005W Datasheet
127Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
KBPC25005W RFE-KBPC25005W Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Shenzhen Ping Sheng Ele...
KBPC25005W PFS-KBPC25005W Datasheet
219Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
More results


Similar Description - KBPC25005W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com