Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9537 Datasheet (PDF) - NXP Semiconductors

PCA9537 Datasheet PDF - NXP Semiconductors
Part # PCA9537_V01
Download  PCA9537 Download
File Size   356.0 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and

PCA9537 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9537 Datasheet PDF - NXP Semiconductors

Part # PCA9537_V01
Download  PCA9537 Click to download

File Size   356.0 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 4-bit I²C-bus and SMBus low power I/O port with interrupt and 4-bit I2C-bus and SMBus low power I/O port with interrupt and

PCA9537 Datasheet (HTML) - NXP Semiconductors


PCA9537 Product details

General description
The PCA9537 is a 10-pin CMOS device that provides 4 bits of General Purpose parallel Input/Output (GPIO) expansion with interrupt and reset for I2C-bus/SMBus applications.
It was developed to enhance the NXP Semiconductors family of I2C-bus I/O expanders.
I/O expanders provide a simple solution when additional I/O is needed for ACPI power switches, sensors, push-buttons, LEDs, fans, etc.
The PCA9537 consists of a 4-bit Configuration register (input or output selection), 4-bit Input Port register, 4-bit Output Port register and a 4-bit Polarity Inversion register (active HIGH or active LOW operation). The system controller can enable the I/Os as either inputs or outputs by writing to the I/O configuration bits. The data for each input or output is kept in the corresponding Input Port or Output Port register. The polarity of the Input Port register can be inverted with the Polarity Inversion register. All registers can be read by the system controller.
The PCA9537 open-drain interrupt output (INT) is activated when any input state differs from its corresponding Input Port register state and is used to indicate to the system controller that an input state has changed. The power-on reset sets the registers to their default values and initializes the device state machine. The RESET pin causes the same reset/initialization to occur without de-powering the device.
The I2C-bus address is fixed and allows only one device on the same I²C-bus/SMBus.

Features and benefits
• 4-bit I2C-bus GPIO with interrupt and reset
• Operating power supply voltage range of 2.3 V to 5.5 V
• 5 V tolerant I/Os
• Polarity Inversion register
• Active LOW interrupt output
• Active LOW reset input
• Low standby current
• Noise filter on SCL/SDA inputs
• No glitch on power-up
• Internal power-on reset
• 4 I/O pins that default to 4 inputs
• 0 Hz to 400 kHz clock frequency
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per JESD22-A115 and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
• Offered in TSSOP10 package




Similar Part No. - PCA9537_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537DP NXP-PCA9537DP Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
More results


Similar Description - PCA9537_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9535 NXP-PCA9535 Datasheet
190Kb / 32P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 03-4 October 2007
PCA9535 NXP-PCA9535_08 Datasheet
182Kb / 31P
16-bit I2C-bus and SMBus, low power I/O port with interrupt
Rev. 05-15 September 2008
PCA9534 NXP-PCA9534 Datasheet
163Kb / 25P
8-bit I2C-bus and SMBus low power I/O port with interrupt
Rev. 03-6 November 2006
PCA9537 NXP-PCA9537 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9537DP.118 NXP-PCA9537DP.118 Datasheet
143Kb / 24P
4-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 05-7 May 2009
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com