Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAM4022 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM4022 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM4022
Download  FMAM4022 Download
File Size   672.33 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier with 20 dBm, 30 dB Gain and 2.92mm

FMAM4022 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM4022 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM4022
Download  FMAM4022 Click to download

File Size   672.33 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier with 20 dBm, 30 dB Gain and 2.92mm

FMAM4022 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM4022 Product details

Features:
• 26.5 to 40 GHz Frequency Range
• P1dB: 18 dBm min
• Small Signal Gain: 30 dB typ
• Gain Flatness: ±2.0 dB
• Noise Figure: 6 dB max
• 50 Ohm Input and
Output Matched
• -40 to +50°C Operating
Temperature
• Unconditionally Stable
• Single DC Positive Supply
• Built-in DC Voltage Regulator




Similar Part No. - FMAM4022

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM4026 FAIRVIEW-FMAM4026 Datasheet
607Kb / 5P
Medium Power Amplifier at 1 Watt P1dB Operating From 820 MHz to 960 MHz with 15 dB Gain, 46 dBm IP3 and SMA
REV 1.0
FMAM4028 FAIRVIEW-FMAM4028 Datasheet
764Kb / 7P
17 GHz to 24 GHz, Medium Power Broadband Amplifier with 25 dBm, 22 dB Gain and 2.92mm
REV 1.0
FMAM4029 FAIRVIEW-FMAM4029 Datasheet
778Kb / 6P
10 MHz to 20 GHz, Medium Power Broadband Amplifier with 25 dBm, 13 dB Gain and SMA
REV 1.0
More results


Similar Description - FMAM4022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A1005 PASTERNACK-PE15A1005 Datasheet
678Kb / 6P
40 dB Gain, 1.5 dB NF, 15 dBm, 1.2 GHz to 1.4 GHz, Low Noise High Gain Amplifier
PE15A1006 PASTERNACK-PE15A1006 Datasheet
474Kb / 6P
40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
PE15A1010 PASTERNACK-PE15A1010 Datasheet
406Kb / 3P
40 dB Gain, 0.9 dB NF, 14 dBm, 2 GHz to 6 GHz, Low Noise High Gain Amplifier
PE15A3268 PASTERNACK-PE15A3268 Datasheet
374Kb / 3P
5.5 dB NF, 10 dBm P1dB, 18 GHz to 40 GHz, Low Noise Broadband Amplifier, 18 dB Gain, 2.4mm
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
PE15A3025 PASTERNACK-PE15A3025 Datasheet
461Kb / 6P
20 dBm P1dB, 18 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 4 dB NF, 2.92mm
PE15A3266 PASTERNACK-PE15A3266 Datasheet
460Kb / 6P
2 dB NF, 11 dBm P1dB, 26.5 GHz to 40 GHz, Low Noise Broadband Amplifier, 30 dB Gain, 2.92mm
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com