Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAM4045 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM4045 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM4045
Download  FMAM4045 Download
File Size   601.72 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 6 GHz to 12 GHz, Medium Power Broadband Amplifier with 500 mW, 28 dB Gain and SMA

FMAM4045 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM4045 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM4045
Download  FMAM4045 Click to download

File Size   601.72 Kbytes
Page   4 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 6 GHz to 12 GHz, Medium Power Broadband Amplifier with 500 mW, 28 dB Gain and SMA

FMAM4045 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM4045 Product details

Features:
• 6.0 to 12.0 GHz
Frequency Range
• P1dB: 27 dBm min
• Small Signal Gain: 28 dB typ
• Gain Flatness: ±0.8 dB typ
• 50 Ohm Input and
Output Matched
• -30 to +70°C Operating
Temperature
• Unconditionally Stable
• Single DC Positive Supply
• Built-in DC Voltage Regulator




Similar Part No. - FMAM4045

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM4040 FAIRVIEW-FMAM4040 Datasheet
589Kb / 4P
2 GHz to 6 GHz, Medium Power Broadband Amplifier with 23 dBm, 13 dB Gain and SMA
REV 1.0
FMAM4041 FAIRVIEW-FMAM4041 Datasheet
465Kb / 6P
2 GHz to 6 GHz, Medium Power Broadband Amplifier with 500 mW, 22 dB Gain and SMA
FMAM4042 FAIRVIEW-FMAM4042 Datasheet
591Kb / 4P
2 GHz to 6 GHz, Medium Power Broadband Amplifier with 3 Watt, 36 dB Gain and SMA
REV 1.0
FMAM4043 FAIRVIEW-FMAM4043 Datasheet
616Kb / 5P
2 GHz to 6 GHz, Broadband Amplifier with 3 Watt, 44 dB Gain and SMA
REV 1.0
FMAM4044 FAIRVIEW-FMAM4044 Datasheet
600Kb / 4P
6 GHz to 12 GHz, Broadband Amplifier with 500 mW, 16 dB Gain and SMA
REV 1.0
More results


Similar Description - FMAM4045

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3505 PASTERNACK-PE15A3505 Datasheet
488Kb / 6P
48 dB Gain, 1 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
PE15A3506 PASTERNACK-PE15A3506 Datasheet
479Kb / 6P
47 dB Gain, 2 Watt, 6 GHz to 12 GHz, Broadband High Gain Amplifier
PE15A1026 PASTERNACK-PE15A1026 Datasheet
426Kb / 6P
2.2 dB NF, 13 dBm Psat, 8 GHz to 12 GHz,Low Noise Amplifier, 28 dB Gain, SMA
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
PE15A3025 PASTERNACK-PE15A3025 Datasheet
461Kb / 6P
20 dBm P1dB, 18 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 4 dB NF, 2.92mm
PE15A4014 PASTERNACK-PE15A4014 Datasheet
432Kb / 6P
3 Watt Psat, 8 GHz to 11 GHz, Medium Power Amplifier, 25 dB Gain, SMA
PE15A4015 PASTERNACK-PE15A4015 Datasheet
431Kb / 6P
4 Watt Psat, 8 GHz to 11 GHz, High Power Amplifier, 28 dB Gain, SMA
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com