Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAM4052F Datasheet (PDF) - Infinite Electronics International, Inc.

FMAM4052F Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAM4052F
Download  FMAM4052F Download
File Size   798.15 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power Amplifier with Heatsink at 31 dBm P1dB Operating from 100 MHz to 18 GHz with SMA, 6 dB NF

FMAM4052F Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAM4052F Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAM4052F
Download  FMAM4052F Click to download

File Size   798.15 Kbytes
Page   8 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Medium Power Amplifier with Heatsink at 31 dBm P1dB Operating from 100 MHz to 18 GHz with SMA, 6 dB NF

FMAM4052F Datasheet (HTML) - Infinite Electronics International, Inc.


FMAM4052F Product details

Features
• 100 MHz to 18 GHz Frequency Range
• P1dB 31 dBm typ.
• Small Signal Gain: 37 dB typ
• Gain Flatness: ±3 dB typ.
• Noise Figure 6 dB typ.
• 50 Ohm Input and Output Matched
• 0 to 50°C Operating Temperature
• Unconditionally Stable
• Single DC Positive Supply
• Built-in DC Voltage Regulator
• Field Replaceable SMA Female connectors
• Meets MIL-STD-202 Test Conditions
• Integrated Finned Heatsink with Cooling Fan




Similar Part No. - FMAM4052F

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAM4052 FAIRVIEW-FMAM4052 Datasheet
818Kb / 6P
Medium Power Amplifier at 31 dBm P1dB Operating from 100 MHz to 18 GHz with SMA, 6 dB NF
REV 1.5
More results


Similar Description - FMAM4052F

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3267 PASTERNACK-PE15A3267 Datasheet
374Kb / 3P
5 dB NF, 15 dBm P1dB, 100 MHz to 26.5 GHz, Low Noise
PE15A7000 PASTERNACK-PE15A7000 Datasheet
455Kb / 8P
50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Variable Gain Amplifier, 6.5 dB NF, SMA
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3022 PASTERNACK-PE15A3022 Datasheet
447Kb / 5P
1 Watt P1dB, 300 MHz to 18 GHz, Medium Power Broadband Amplifier, 37 dB Gain, 42 dBm IP3, 3.5 dB NF, SMA
PE15A3023 PASTERNACK-PE15A3023 Datasheet
459Kb / 6P
12 dBm P1dB, 30 MHz to 40 GHz, Medium Power Broadband Amplifier, 25 dB Gain, 6 dB NF, 2.92mm
PE15A3024 PASTERNACK-PE15A3024 Datasheet
460Kb / 5P
24.5 dBm P1dB, 12.4 GHz to 26.5 GHz, Medium Power Broadband Amplifier, 35 dB Gain, 3 dB NF, SMA
PE15A3025 PASTERNACK-PE15A3025 Datasheet
461Kb / 6P
20 dBm P1dB, 18 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 4 dB NF, 2.92mm
PE15A3269 PASTERNACK-PE15A3269 Datasheet
398Kb / 4P
3 dB NF, 14.5 dBm P1dB, 10 MHz to 6 GHz, Low Noise Broadband Amplifier, 34 dB Gain, 25.5 dBm IP3, SMA
PE15A4022 PASTERNACK-PE15A4022 Datasheet
459Kb / 6P
20 dBm P1dB, 26.5 GHz to 40 GHz, Medium Power Broadband Amplifier, 30 dB Gain, 6 dB NF, 2.92mm
PE15A7000 PASTERNACK-PE15A7000_16 Datasheet
523Kb / 9P
50 dB Gain, 14 dBm P1dB, 100 MHz to 18 GHz, Rack Mount, Variable Gain Amplifier, 6.5 dB NF, SMA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com