Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC3501ENJARSHR Datasheet (PDF) - Texas Instruments

CC3501ENJARSHR Datasheet PDF - Texas Instruments
Part # CC3501ENJARSHR
Download  CC3501ENJARSHR Download
File Size   1441.14 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC350xE 2.4GHz SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Wireless MCU

CC3501ENJARSHR Datasheet (PDF)

Go To PDF Page Download Datasheet
CC3501ENJARSHR Datasheet PDF - Texas Instruments

Part # CC3501ENJARSHR
Download  CC3501ENJARSHR Click to download

File Size   1441.14 Kbytes
Page   58 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC350xE 2.4GHz SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Wireless MCU

CC3501ENJARSHR Datasheet (HTML) - Texas Instruments


CC3501ENJARSHR Product details

1 Features
Microcontroller
• Powerful 160MHz Arm® Cortex®-M33 processor
with FPU, TrustZone®, and AI acceleration
• High-speed quad-SPI and octal-SPI for XiP flash
with on-the-fly decryption
• Flexible configuration of low-latency TCM (up to
32KB) and Cache (32KB or 64KB) for improved
code execution performance
• 1.1MB embedded SRAM including 128KB TCM for
Wi-Fi™, Bluetooth® Low Energy, networking, and
application data
Peripherals
• Up to 38 I/Os with flexible multiplexing options
• 8 × general-purpose timers and pulse-width
modulation (PWM)
• 3 × universal asynchronous receiver-transmitter
(UART)
• 2 × Serial Peripheral Interface (SPI)
• 2 × inter-integrated circuit (I2C)
• Inter-IC sound (I2S)
• Pulse density modulation (PDM)
• Secure digital and multimedia card (SD/MMC)
• Secure digital input output (SDIO) 2.0
• Controller area network (CAN) 2.0
• 8-channel, 12-bit analog-to-digital converter (ADC)
System Services
• Direct memory access (DMA)
• One-time-programmable memory (OTP)
• Real-time clock (RTC) and watchdog timer (WDT)
Radio
• Wi-Fi 6 (802.11ax)
– 2.4GHz, single-stream 20MHz channels with
application throughput up to 20Mbps (UDP)
– Compatible with IEEE 802.11 b/g/n/ax
• Orthogonal frequency-division multiple
access (OFDMA)
• Target wake time (TWT)
• Trigger frames
• Basic service set (BSS) color
– Integrated PA for a complete WLAN system
with up to 20.5dBm output power at 1 DSSS
– Role support: STA, softAP , Wi-Fi direct, multirole
AP + STA
– Support for personal and enterprise Wi-Fi
security: WPA and WPA2 PSK, WPA2
Enterprise, WPA3 personal or enterprise
– Wi-Fi TX Power:
– • 20.5dBm at 1DSSS
• 17.8dBm at 54OFDM
– Wi-Fi RX Sensitivity:
• –98.7dBm at 1DSSS
• –76.6dBm at 54OFDM
• Bluetooth® low energy
– Bluetooth low energy 5.4 certified stack
– Supports long-range and high-speed PHYs (up
to 2Mbps)
Security Features
• ARM TrustZone
• Hardware security module supporting all of the
following:
– ECC, RSA, AES, SHA2/3, MD5, CRC 16/32,
and TRNG
– Secure key storage
• Initial secure programming
• Secure boot
• Software IP and cloning protection
• Debug security through JTAG and debug port lock
• OTP with the ability to program root-of-trust public
key
• Secure over-the-air (OTA) updates
• Anti-rollback protection
Clock Source
• Fast clock: 52MHz XTAL
• Slow clock: Internal low-frequency oscillator,
32.768kHz XTAL, or external slow clock source
Power Management
• Support for 3.3V and 1.8V on multiple I/O domains
• Supplies: VPA: 3.3V, VMAIN: 1.8V, VIO: 1.8/3.3V
Key Benefits
• Complete software development kit with opensource
TCP/IP and TLS stacks
• Operating temperature: –40°C to +105°C
• Support for 3-wire PTA coexistence interface for
use with external 2.4GHz radios (for example
Thread or Zigbee®)
• Antenna selection capability
Package
• Easy to design with 56-pin, 7mm × 7mm quad flat
no leaded (QFN) package

2 Applications
• Building Automation
– Thermostat
– HVAC motor control
– Wireless security camera
– Video Doorbell
– Garage door system
• Appliances
– Refrigerator and freezer
– Oven
– Washer and dryer
– Residential water heater
– Air conditioner indoor unit
– Coffee machine
– Vacuum robot
– Robotic lawn mower
• Grid Infrastructure
– Electricity meter
– String Inverter
– Micro Inverter
– Battery energy storage systems
– EV charging infrastructure
• Medical
– Infusion pump
– Electronic hospital bed and bed control
– Multiparameter patient monitor
– CPAP machine
– Telehealth systems
– Ultrasound scanner
– Ultrasound smart probe
– Electric toothbrush
• Retail automation and payment
• Connected peripherals and printers
• Factory automation and control
• Asset tracking

3 Description
The SimpleLink™ Wi-Fi system-on-chip CC35xx family is where affordability meets reliability, enabling engineers
to connect more applications with confidence. CC35xx are single-chip Wi-Fi 6 and Bluetooth Low Energy 5.4
wireless microcontrollers (MCUs). The CC3500E and CC3501E are the first dual-band devices in this pin-to-pin
compatible family.
• CC3500E: 2.4GHz Wi-Fi 6 wireless MCU
• CC3501E: 2.4GHz Wi-Fi 6 and Bluetooth low energy 5.4 wireless MCU
The CC350xE offers the latest standards from Wi-Fi and Bluetooth Low Energy while maintaining compatibility
with Wi-Fi 4 (802.11 b/g/n). These CC350xE are the 10th-generation connectivity combo chip from Texas
Instruments. As such, the CC350xE is based on proven technology. These devices are an excellent choice to
use in cost-sensitive embedded applications with RTOS software. CC350xE brings the efficiency of Wi-Fi 6 to
embedded device applications for the Internet of Things (IoT), with a small PCB footprint and highly optimized
bill of materials. Future device flavors will include in-package PSRAM for additional runtime memory, see the
table below.




Similar Part No. - CC3501ENJARSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3501E TI-CC3501E Datasheet
640Kb / 13P
CC350xE 2.4GHz SimpleLink™ Wi-Fi 6 and Bluetooth®Low Energy Wireless MCU
SEPTEMBER 2024
CC3501E TI2-CC3501E Datasheet
769Kb / 13P
CC35xE 2.4GHz SimpleLink™ Wi-Fi 6 and Bluetooth®Low Energy Wireless MCU
REVISED JANUARY 2025
More results


Similar Description - CC3501ENJARSHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC3220MOD_017 TI1-CC3220MOD_017 Datasheet
2Mb / 100P
SimpleLink Wi-Fi CERTIFIED Wireless MCU Modules
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
CC3220R TI1-CC3220R_18 Datasheet
2Mb / 92P
SimpleLink Wi-Fi Single-Chip Wireless MCU Solutions
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
CC3301 TI-CC3301 Datasheet
594Kb / 10P
CC330x SimpleLink™ Wi-Fi® 6 and Bluetooth® Low Energy Transceiver
MARCH 2023
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com