Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4067 Datasheet (PDF) - Texas Instruments

CD74HC4067 Datasheet PDF - Texas Instruments
Part # CD74HC4067
Download  CD74HC4067 Download
File Size   2089.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HCx4067-Q1 Automotive High-Speed CMOS Logic 16-Channel Analog Mulitplexer and Demultiplexer

CD74HC4067 Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC4067 Datasheet PDF - Texas Instruments

Part # CD74HC4067
Download  CD74HC4067 Click to download

File Size   2089.33 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HCx4067-Q1 Automotive High-Speed CMOS Logic 16-Channel Analog Mulitplexer and Demultiplexer

CD74HC4067 Datasheet (HTML) - Texas Instruments


CD74HC4067 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 test guidance with the following results:
– Device temperature grade 1: –40°C to 125°C
ambient operating temperature range
– Device HBM ESD Classification Level H1A
– Device CDM ESD Classification Level C2
• Wide analog input voltage range
• Low ON resistance
– 70Ω typical (VCC = 4.5V)
• Fast switching and propagation speeds
• Break-before-make switching
– 6ns typical (VCC = 4.5V)
• Fanout (over temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• 4.5V to 5.5V operation
• Direct LSTTL input logic compatibility: VIL = 0.8V
maximum, VIH = 2V minimum
• CMOS input compatibility: II ≤ 1μA at VOL, VOH

2 Applications
• Automotive
• Analog switch
• Analog multiplexer and demultiplexer

3 Description
The CD74HCx4067-Q1 device is a digitally controlled
analog switch that utilizes silicon-gate CMOS
technology to achieve operating speeds similar to
LSTTL, with the low power consumption of standard
CMOS integrated circuits.
This analog multiplexer and demultiplexer controls
analog voltages that may vary across the voltage
supply range. It is a bidirectional switch, thus allowing
any analog input to be used as an output and viceversa.
The switch has low (on) resistance and low
(off) leakages. In addition, the device has an enable
control that, when high, disables all switches to their
off state.




Similar Part No. - CD74HC4067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI1-CD74HC4067 Datasheet
908Kb / 26P
CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
DECEMBER 2024
CD74HC4067 TI1-CD74HC4067 Datasheet
851Kb / 25P
CD74HCx4067-Q1 Automotive High-Speed CMOS Logic 16-Channel Analog Mulitplexer and Demultiplexer
APRIL 2025
More results


Similar Description - CD74HC4067

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD54HC154 TI-CD54HC154 Datasheet
229Kb / 14P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com