Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4067DGSR Datasheet (PDF) - Texas Instruments

CD74HC4067DGSR Datasheet PDF - Texas Instruments
Part # CD74HC4067DGSR
Download  CD74HC4067DGSR Download
File Size   2054.87 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer

CD74HC4067DGSR Datasheet (PDF)

Go To PDF Page Download Datasheet
CD74HC4067DGSR Datasheet PDF - Texas Instruments

Part # CD74HC4067DGSR
Download  CD74HC4067DGSR Click to download

File Size   2054.87 Kbytes
Page   29 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer

CD74HC4067DGSR Datasheet (HTML) - Texas Instruments


CD74HC4067DGSR Product details

1 Features
• Wide analog input voltage range
• Low ON resistance
– VCC = 4.5V, 70Ω (typ)
– VCC = 6V, 60Ω (typ)
• Fast switching and propagation speeds
• Break-before-make switching
– 6ns (typ) at 4.5V
• Available in both narrow- and wide-body plastic
packages
• Fanout (over-temperature range)
– Standard outputs: 10 LSTTL loads
– Bus driver outputs: 15 LSTTL loads
• Wide operating temperature range: –55°C to
+125°C
• Balanced propagation delay and transition times
• Significant power reduction compared to LSTTL
logic ICs
• HC types
– 2V to 6V operation
– High noise immunity: NIL = 30%, NIH = 30% of
VCC at VCC = 5V
• HCT types
– 4.5V to 5.5V operation
– Direct LSTTL input logic compatibility, VIL= 0.8V
(max), VIH = 2V (min)
– CMOS input compatibility, Il ≤ 1μA at VOL, VOH

2 Applications
• Energy infrastructure
• Building automation
• Wireless infrastructure
• Appliances
• Data center & enterprise computing
• Retail automation & payment
• Signal gating
• Modulators
• Squelch controls
• demodulators
• choppers
• commutating switches
• Analog-to-digital and digital-to-analog conversions
• Digital control of frequency, impedance, phase,
and analog-signal gain

3 Description
The CD74HC4067 and CD74HCT4067 devices are
digitally controlled analog switches that use silicongate
CMOS technology to achieve operating speeds
similar to LSTTL, with the low power consumption of
standard CMOS integrated circuits.
These analog multiplexers and demultiplexers control
analog voltages that may vary across the voltage
supply range. They are bidirectional switches, thus
allowing any analog input to be used as an output and
vice-versa. The switches have low on resistance and
low off leakages. In addition, these devices have an
enable control that, when high, disables all switches
to their off state.




Similar Part No. - CD74HC4067DGSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI1-CD74HC4067 Datasheet
908Kb / 26P
CD74HCx4067 High-Speed CMOS Logic 16-Channel Analog Multiplexer and Demultiplexer
DECEMBER 2024
CD74HC4067 TI1-CD74HC4067 Datasheet
851Kb / 25P
CD74HCx4067-Q1 Automotive High-Speed CMOS Logic 16-Channel Analog Mulitplexer and Demultiplexer
APRIL 2025
More results


Similar Description - CD74HC4067DGSR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
16-channel analog multiplexer/demultiplexer
September 1993
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
16-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
logo
Texas Instruments
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com