Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF005S Datasheet (PDF) - Galaxy Semi-Conductor Holdings Limited

DF005S Datasheet PDF - Galaxy Semi-Conductor Holdings Limited
Part # DF005S
Download  DF005S Download
File Size   57.06 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS

DF005S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF005S Datasheet PDF - Galaxy Semi-Conductor Holdings Limited

Part # DF005S
Download  DF005S Click to download

File Size   57.06 Kbytes
Page   2 Pages
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited
Description SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS

DF005S Datasheet (HTML) - Galaxy Semi-Conductor Holdings Limited


DF005S Product details

REVERSE VOLTAGE - 50 to 1000 Volts

FORWARD CURRENT- 1.0 Amperes



FEATURES

Rating to 1000V PRV

Ideal for printed circuit board

Low forward voltage drop high current capability.

Reliable low cost construction utilizing molded plastic technique results in inexpensive product

Lead Pb/Sn copper

The plastic material has UL flammability classification 94V-0

UL recognized file




Similar Part No. - DF005S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
DF005S ZOWIE-DF005S Datasheet
48Kb / 2P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
DF005S JGD-DF005S Datasheet
137Kb / 2P
SINGLE PHASE 1.0AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
DF005S SSE-DF005S Datasheet
14Kb / 1P
SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF005S FAIRCHILD-DF005S Datasheet
33Kb / 3P
1.5 Ampere Bridge Rectifiers
More results


Similar Description - DF005S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101S HY-DB101S_17 Datasheet
142Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
B05SA HY-B05SA Datasheet
164Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
RABS210 BYTESONIC-RABS210 Datasheet
905Kb / 2P
Surface Mount Glass Passivated Bridge Rectifiers
2019/10/12
logo
HY ELECTRONIC CORP.
B05S HY-B05S_V01 Datasheet
351Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DB101S HY-DB101S_V01 Datasheet
345Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
DF15005S HY-DF15005S_V01 Datasheet
371Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
logo
Dongguan Pingjingsemi T...
TB1S-12 PJSEMI-TB1S-12 Datasheet
757Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB1S-20 PJSEMI-TB1S-20 Datasheet
405Kb / 3P
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
FABS205 HY-FABS205 Datasheet
326Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com