Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAMA5D27-WLSOM1 Datasheet (PDF) - Microchip Technology

ATSAMA5D27-WLSOM1 Datasheet PDF - Microchip Technology
Part # ATSAMA5D27-WLSOM1
Download  ATSAMA5D27-WLSOM1 Download
File Size   15180.04 Kbytes
Page   62 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description The Microchip SAMA5D27 Wireless System-On-Module 1

ATSAMA5D27-WLSOM1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAMA5D27-WLSOM1 Datasheet PDF - Microchip Technology

Part # ATSAMA5D27-WLSOM1
Download  ATSAMA5D27-WLSOM1 Click to download

File Size   15180.04 Kbytes
Page   62 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description The Microchip SAMA5D27 Wireless System-On-Module 1

ATSAMA5D27-WLSOM1 Datasheet (HTML) - Microchip Technology


ATSAMA5D27-WLSOM1 Product details

Features
• System-In-Package (ATSAMA5D27C-LD2G-CU) Including:
– Arm Cortex-A5 processor-based SAMA5D27 MPU running up to 500 MHz
– 2 Gbit LPDDR2-SDRAM
• On-Board Power Management Unit (MCP16502AC-E/S8B)
• 64 Mb Serial Quad I/O Flash Memory (SST26VF064BEUIT-104I/MF) with Embedded EUI-48™ and
EUI-64™ MAC Addresses
• IEEE® 802.11 b/g/n Wi-Fi plus Bluetooth (Wi-Fi/BT) Module (ATWILC3000-MR110UA)
• 10Base-T/100Base-TX Ethernet PHY (KSZ8081RNAIA)
• ATECC608B-TNGTLS Secure Element
• MEMS Oscillators for Clock Generation
• 94 I/Os
• Up to 7 Tamper Pins
• One USB Device, one USB Host and one HSIC Interface
• Shutdown and Reset Control Pins
• Independent Power Supplies Available for Camera Sensor, for SD Card and for Backup
Depending on Voltage Domains
• Operational Specifications:
– Main operating voltage: 3.3V to 5.5V ± 5%
– Temperature range: -40°C to 85°C
– Integrated oscillators, internal voltage regulators
– Multiple interfaces and I/Os for easy application development
• Package:
– 40.8 x 40.8 mm module, pitch 0.8 mm, manually solderable for prototyping

Applications
• Industrial Control and Automation
• Smart Appliances
• Human Machine Interfaces (HMI)
• IoT Gateway
• Access Control Panels
• Security and Alarm Systems




Similar Part No. - ATSAMA5D27-WLSOM1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ATSAMA5D27-SOM1 MICROCHIP-ATSAMA5D27-SOM1 Datasheet
1Mb / 46P
64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
logo
ATMEL Corporation
ATSAMA5D27-SOM1 ATMEL-ATSAMA5D27-SOM1 Datasheet
6Mb / 60P
SAMA5D27 SOM1 Kit1 User`s Guide
ATSAMA5D27-SOM1-EK1 ATMEL-ATSAMA5D27-SOM1-EK1 Datasheet
6Mb / 60P
SAMA5D27 SOM1 Kit1 User`s Guide
logo
Microchip Technology
ATSAMA5D27-SOM1-EVAL MICROCHIP-ATSAMA5D27-SOM1-EVAL Datasheet
1Mb / 46P
64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
More results


Similar Description - ATSAMA5D27-WLSOM1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TAM-3517 ETC2-TAM-3517 Datasheet
791Kb / 1P
System on Module
TAO-3530 ETC2-TAO-3530 Datasheet
629Kb / 1P
System on Module
TDM-3730 ETC2-TDM-3730 Datasheet
786Kb / 1P
System on Module
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
High-performance, 802.15.4 wireless system-on-chip
APX4-367CC-A-50 ETC2-APX4-367CC-A-50 Datasheet
727Kb / 5P
Bluegiga APx4 Wireless System-on-Module
logo
Texas Instruments
CC2538 TI1-CC2538_15 Datasheet
920Kb / 33P
Powerful Wireless Microcontroller System-On-Chip
logo
STMicroelectronics
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
Bluetooth low energy wireless system-on-chip
23-Jun-2016
STEVAL-ISB039V1 STMICROELECTRONICS-STEVAL-ISB039V1 Datasheet
562Kb / 7P
1 W wireless charger system Tx/Rx based on STM32F0 and STWLC03
15-Sep-2016
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
Bluetooth® low energy wireless system-on-chip
16-Nov-2017
logo
silex technology americ...
SX-59HLS SILEX-SX-59HLS Datasheet
6Mb / 2P
Wireless 802.11n System on Module with Enterprise Security for IoT Applications
REV A. 20190424
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com