Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL91301A Datasheet (PDF) - Renesas Technology Corp

ISL91301A Datasheet PDF - Renesas Technology Corp
Part # ISL91301A
Download  ISL91301A Download
File Size   3253.34 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple/Quad Output Power Management IC

ISL91301A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL91301A Datasheet PDF - Renesas Technology Corp

Part # ISL91301A
Download  ISL91301A Click to download

File Size   3253.34 Kbytes
Page   60 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple/Quad Output Power Management IC

ISL91301A Datasheet (HTML) - Renesas Technology Corp


ISL91301A Product details

• Triple output 2+1+1 phases (ISL91301A) or quad
output single phase (ISL91301B)
• 4A per phase for the 2.8V to 5.5V supply voltage,
VIN_SEL = AVIN
• 3A per phase for the 2.5V to 5.5V supply voltage,
VIN_SEL = GND
• Small solution size
• High efficiency (93% for 3.8VIN/1.8VOUT)
• Low IQ in low power mode
• Proprietary control scheme reduces output capacitor and
supports fast load transient (such as 50A/μs per phase)
• ±0.7% system accuracy, remote voltage sensing
• Programmable PWM frequency from 2MHz to 6MHz
• I2C programmable output from 0.3V to 2V
• Independent Dynamic Voltage Scaling (DVS) for each output
• Soft-start and fault detection (UV, OV, OC, OT), short-circuit protection
• 2.570mmx2.919mm 42 ball WLCSP with 0.4mm pitch




Similar Part No. - ISL91301A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
2Mb / 52P
Triple/Quad Output PMIC with I2C Interface
Feb 20, 2020
ISL91301A RENESAS-ISL91301A Datasheet
3Mb / 80P
Dual/Single Output Power Management IC
Feb 2, 2022
ISL91301A RENESAS-ISL91301A Datasheet
3Mb / 57P
Triple/Quad Output PMIC with SPI/I2C Interface
Mar 5, 2020
More results


Similar Description - ISL91301A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702B MAXIM-MAX1702B Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65232 TI1-TPS65232 Datasheet
1Mb / 31P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Maxim Integrated Produc...
MAX1702BETX MAXIM-MAX1702BETX Datasheet
820Kb / 19P
Triple-Output Power-Management IC for Microprocessor-Based Systems
Rev 0; 4/02
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
Power Management IC
TPS65232 TI1-TPS65232_16 Datasheet
1Mb / 32P
TRIPLE BUCK POWER MANAGEMENT IC
logo
Renesas Technology Corp
ISL91211A RENESAS-ISL91211A Datasheet
201Kb / 2P
Triple/Quad Output Power Management IC
ISL91301A RENESAS-ISL91301A Datasheet
231Kb / 2P
Triple/Quad Output Power Management IC
ISL91211AIK RENESAS-ISL91211AIK Datasheet
1Mb / 54P
Triple/Quad Output Power Management IC for Industrial and Computing Applications
Feb.25.20
ISL91302B RENESAS-ISL91302B Datasheet
3Mb / 80P
Dual/Single Output Power Management IC
Feb 2, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com