Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMB Datasheet (PDF) - Littelfuse

1.5SMB Datasheet PDF - Littelfuse
Part # 1.5SMB
Download  1.5SMB Download
File Size   681.5 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount – 1500 W

1.5SMB Datasheet (PDF)

Go To PDF Page Download Datasheet
1.5SMB Datasheet PDF - Littelfuse

Part # 1.5SMB
Download  1.5SMB Click to download

File Size   681.5 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Surface Mount – 1500 W

1.5SMB Datasheet (HTML) - Littelfuse


1.5SMB Product details

Description
The 1.5SMB Series is designed specifically to protect sensitive
electronic equipment from voltage transients induced by lightning
and other transient voltage events.

Features & Benefits
■ For surface mounted
applications to optimize board
space
■ Typical failure mode is short
from over-specified voltage or
current
■ Whisker test is conducted
based on JEDEC JESD201A
per its table 4a and 4c pass
Class 1 and Class 2
■ ESD protection of data lines in
accordance with IEC 61000-4-
2, 30 kV(Air), 30 kV(Contact)
■ Glass passivated chip junction
■ 1500 W peak pulse power
capability at 10/1000 μs
waveform, repetition rate
(duty cycles):0.01 %
■ VBR @ TJ= VBR@25 °C x (1+αT
x (TJ - 25))(αT:Temperature
Coefficient, typical value is
0.1 %)
■ Low dynamic resistance
■ UL Recognized compound
meeting flammability rating V-0
■ Halogen free and RoHS
compliant
■ Pb-free E3 means 2nd level
interconnect is Pb-free and
the terminal finish material is
tin(Sn) (IPC/JEDEC J-STD-
609A.01)
■ Recognized to UL 497B as an
Isolated Loop Circuit Protector
■ Products manufactured in
the Philippines are available.-
Parts with an E suffix are
manufactured outside China.
( See Ordering and Packaging
Options section for details)

Applications
TVS components are ideal for the protection of I/O Interfaces, VCC
bus and other vulnerable circuits used in Telecom, Computer,
Industrial and Consumer electronic applications.




Similar Part No. - 1.5SMB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
1.5SMB LEIDITECH-1.5SMB Datasheet
1Mb / 7P
1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
1.5SMB Series 1500W Transient Voltage Suppressor
1.5SMB100A LEIDITECH-1.5SMB100A Datasheet
1Mb / 7P
1500W Transient Voltage Suppressor
logo
DAESAN ELECTRONIC CORP.
1.5SMB100A DAESAN-1.5SMB100A Datasheet
194Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
250715-01K
logo
Shanghai Leiditech Elec...
1.5SMB100CA LEIDITECH-1.5SMB100CA Datasheet
1Mb / 7P
1.5SMB Series 1500W Transient Voltage Suppressor
More results


Similar Description - 1.5SMB

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMCJ170CA MICROSEMI-SMCJ170CA Datasheet
584Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMCJ5.0 TSC-SMCJ5.0_1 Datasheet
465Kb / 5P
1500 Watts Surface Mount Transient Voltage Suppressor
logo
Semtech Corporation
1N6469US SEMTECH-1N6469US Datasheet
130Kb / 3P
QPL 1500 Watt Surface Mount TVS
logo
STMicroelectronics
SM15TY STMICROELECTRONICS-SM15TY Datasheet
171Kb / 12P
Automotive 1500 W Transil
15-Sep-2010
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_11 Datasheet
200Kb / 4P
1500 Watts Surface Mount Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
15SMC68 LUGUANG-15SMC68 Datasheet
283Kb / 4P
1500 Watts Surface Mount Transient Voltage Suppressor
SMCG5.0 LUGUANG-SMCG5.0 Datasheet
252Kb / 4P
1500 Watts Surface Mount Transient Voltage Suppressor
logo
STMicroelectronics
SM15T39CAY STMICROELECTRONICS-SM15T39CAY Datasheet
227Kb / 12P
Automotive 1500 W Transil
27-Mar-2012
logo
Microsemi Corporation
SMCJ10ATR MICROSEMI-SMCJ10ATR Datasheet
205Kb / 4P
SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
TPSMC43 SUNMATE-TPSMC43 Datasheet
95Kb / 3P
1500 Watts Surface Mount Transient Voltage Suppressor
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com