Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMAT5014 Datasheet (PDF) - Infinite Electronics International, Inc.

FMAT5014 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMAT5014
Download  FMAT5014 Download
File Size   640.18 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 8 GHz to 12 GHz Absorptive Digital Step Attenuator, 63 dB, 6 Bits, 1 dB Step Size, Field Replaceable SMA

FMAT5014 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMAT5014 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMAT5014
Download  FMAT5014 Click to download

File Size   640.18 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 8 GHz to 12 GHz Absorptive Digital Step Attenuator, 63 dB, 6 Bits, 1 dB Step Size, Field Replaceable SMA

FMAT5014 Datasheet (HTML) - Infinite Electronics International, Inc.


FMAT5014 Product details

Features:
• Absorptive Programmable
Voltage Controlled Attenuator
• 8 GHz to 12 GHz
• Attenuation Range 0 to 63 dB
• 1 dB Step Size
• 6 Bits
• Digital TTL Logic Control
• Insertion Loss 5.3 dB
• Attenuation Flatness
+/- 2.5 dB typ
• Input P0.1 dB Compression
Power +30 dBm typ
• Input IP3 45 dBm typ
• Max RF input Power
(CW) +30 dBm
• Switching Speed 150 nsec typ
• Dual DC Supply +5V/-
5V @ 130mA/130mA
• 50 Ohm Design
• Field Replaceable Female
SMA RF Connectors
• Micro-D9 Female connector for
DC Bias and Command Control
• Operational Temperature
Range -40°C to +85°C
• Rugged and Compact Aluminum
Gold Plated Package Design
• Guaranteed Environmental
Test Conditions Altitude,
Vibration, Humidity, Shock
• Single Positive Control
Line Per Bit




Similar Part No. - FMAT5014

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMAT5010 FAIRVIEW-FMAT5010 Datasheet
691Kb / 5P
0 to 95 dB Programmable TTL Controlled Step Attenuator with a 1 dB Step SMA Female to SMA Female from 200 MHz to 6 GHz
REV 1.1
FMAT5015 FAIRVIEW-FMAT5015 Datasheet
634Kb / 3P
1 MHz to 43.5 GHz Absorptive Digital Control Attenuator, 31.5 dB, 6 Bits, 0.5 dB Step Size, Field Replaceable 2.92mm
REV 1.0 A
FMAT5016 FAIRVIEW-FMAT5016 Datasheet
643Kb / 3P
100 MHz to 40 GHz Absorptive Digital Step Attenuator, 15.5 dB, 5 Bits, 0.5 dB Step Size, Field Replaceable 2.92mm
REV 1.0 A
FMAT5017 FAIRVIEW-FMAT5017 Datasheet
632Kb / 3P
1 GHz to 20 GHz Digital Control Attenuator, 63.5 dB, 7 Bits, 0.5 dB Step Size, Field Replaceable SMA
REV 1.0 A
FMAT5018 FAIRVIEW-FMAT5018 Datasheet
632Kb / 3P
1 GHz to 20 GHz Digital Control Attenuator, 127.5 dB, 8 Bits, 0.5 dB Step Size, Field Replaceable SMA
REV 1.0 A
More results


Similar Description - FMAT5014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-266 MACOM-AT-266 Datasheet
66Kb / 2P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
MAATSS0018 MACOM-MAATSS0018 Datasheet
207Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
Digital Attenuator, 1-Bit, 10 dB Step DC - 2.0 GHz
AT-250 MA-COM-AT-250 Datasheet
69Kb / 3P
Voltage Variable Absorptive Attenuator 12 dB, DC - 2.0 GHz
AT-266 MA-COM-AT-266 Datasheet
126Kb / 3P
Digital Attenuator, 1 Bit, 10 dB Step DC - 2.0 GHz
logo
Pasternack Enterprises,...
PE7397 PASTERNACK-PE7397 Datasheet
629Kb / 3P
0 to 30 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
PE7398 PASTERNACK-PE7398 Datasheet
684Kb / 3P
0 to 50 dB Dial Step Attenuator, SMA Female To SMA Female With 1 dB Step Rated To 2 Watts Up To 2.7 GHz
logo
Peregrine Semiconductor
PE4312MLBA-Z PSEMI-PE4312MLBA-Z Datasheet
730Kb / 13P
UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com