Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4298EUB Datasheet (PDF) - Analog Devices

MAX4298EUB Datasheet PDF - Analog Devices
Part # MAX4298EUB
Download  MAX4298EUB Download
File Size   339.6 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator

MAX4298EUB Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4298EUB Datasheet PDF - Analog Devices

Part # MAX4298EUB
Download  MAX4298EUB Click to download

File Size   339.6 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator

MAX4298EUB Datasheet (HTML) - Analog Devices


MAX4298EUB Product details

Features
 Audio System IC (MAX4299)
Ultra-High PSRR Stereo Headphone Driver
Ultra-High PSRR Microphone Amp
100mA, 3.3V Linear Regulator
 93dB typ PSRR at 20kHz Operates Directly from
Noisy Digital Supplies
 Clickless/Popless Power-Up, Power-Down, Mute
and Unmute
 PC99-Compliant Output Drivers:
Better than 1VRMS Output into 16Ω Load and
1.5VRMS and 0.0008% THD+N into 10kΩ Load
 PC99-Compliant Microphone Amplifier:
0.005% THD+N into 10kΩ Load
 22nF Capacitive Load Drive Capability
 4.5V to 5.5V Single-Supply Operation
 Internally Generated Bias Voltage
 All Gains Externally Adjustable
 Available in Space-Saving Packages
10-Pin μMAX (MAX4298)
16-Pin TSSOP (MAX4299)




Similar Part No. - MAX4298EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4298EUB MAXIM-MAX4298EUB Datasheet
311Kb / 14P
Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator
19-1743; Rev 1; 2/01
More results


Similar Description - MAX4298EUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4298 MAXIM-MAX4298 Datasheet
311Kb / 14P
Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator
19-1743; Rev 1; 2/01
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
100mA High PSRR, Fast Response Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
300mA High PSRR, Linear Regulator
VER 1.3
logo
Micrel Semiconductor
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
Ultra-Low IQ, High-PSRR Linear Regulator
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
300mA High PSRR, Linear Regulator
VER 1.1
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
High PSRR linear regulator
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com