Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

521-9478 Datasheet (PDF) - Dialight Corporation

521-9478 Datasheet PDF - Dialight Corporation
Part # 521-9478
Download  521-9478 Download
File Size   19.79 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 3mm Discrete LED Bi-Color Non-Tinted, Diffused

521-9478 Datasheet (PDF)

Go To PDF Page Download Datasheet
521-9478 Datasheet PDF - Dialight Corporation

Part # 521-9478
Download  521-9478 Click to download

File Size   19.79 Kbytes
Page   1 Pages
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation
Description 3mm Discrete LED Bi-Color Non-Tinted, Diffused

521-9478 Datasheet (HTML) - Dialight Corporation


521-9478 Product details

Features

• Multiple CBIs form horizontal LED arrays on 5.08mm (0.200”) center-lines.

• High Contrast, UL 94 V-0 rated, black housing

• Oxygen index: 32%

• Polymer content: PBT, 0.405 g

• Housing stand-offs facilitate PCB cleaning

• Solderability per MIL-STD-202F, method 208F

• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1

• Compatible with: 553-xxxx-306 Bi-Level Array



 




Similar Part No. - 521-9478

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9478 DIALIGHT-521-9478 Datasheet
73Kb / 9P
3mm LED CBI Circuit Board Indicator 200 High LED Centerline
521-9478 DIALIGHT-521-9478 Datasheet
61Kb / 8P
3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
521-9478 DIALIGHT-521-9478 Datasheet
70Kb / 9P
3mm LED CBI Circuit Board Indicator 120 High LED Centerline
521-9478 DIALIGHT-521-9478 Datasheet
79Kb / 10P
3mm LED CBI Circuit Board Indicator Bi-level
521-9478 DIALIGHT-521-9478 Datasheet
76Kb / 10P
LED CBI Circuit Board Indicator Bi-level
More results


Similar Description - 521-9478

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
521-9450 DIALIGHT-521-9450 Datasheet
19Kb / 1P
5mm Discrete LED Bi-Color 3 Leaded, Non-Tinted, Diffused
521-9450 DIALIGHT-521-9450_1 Datasheet
419Kb / 1P
5mm Discrete LED 3 Leaded, Non-Tinted, Diffused
521-9640 DIALIGHT-521-9640 Datasheet
18Kb / 1P
2mm x 4mm Discrete LED Rectangular - Bi-Color Non-Tinted, Diffusedor
logo
P-tec Corporation
PL83-WDGY1301 P-TEC-PL83-WDGY1301 Datasheet
30Kb / 1P
3mm Bi-Color LED
logo
Quelighting Corp
QLLP02YYGF-316 QUELIGHTING-QLLP02YYGF-316 Datasheet
1Mb / 9P
3mm Bi-color LED
1.0 2021.5.20
logo
Bivar, Inc.
3BC-3-CA-F BIVAR-3BC-3-CA-F Datasheet
585Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision A 03/08
3BC-X BIVAR-3BC-X Datasheet
575Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision C 02/11
3BC-YG-X BIVAR-3BC-YG-X Datasheet
521Kb / 5P
3mm (T1) Package Discrete LED YELLOW/GREEN, Bi-Color
Revision B 03/09
3SBC-X BIVAR-3SBC-X Datasheet
510Kb / 5P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision C 11/12
3SBCC-X BIVAR-3SBCC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision D 08/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com