Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPA-12D15NP Datasheet (PDF) - Multicomp Pro

MPA-12D15NP Datasheet PDF - Multicomp Pro
Part # MPA-12D15NP
Download  MPA-12D15NP Download
File Size   434.41 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Isolated DC to DC Converters Dual Output

MPA-12D15NP Datasheet (PDF)

Go To PDF Page Download Datasheet
MPA-12D15NP Datasheet PDF - Multicomp Pro

Part # MPA-12D15NP
Download  MPA-12D15NP Click to download

File Size   434.41 Kbytes
Page   5 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Isolated DC to DC Converters Dual Output

MPA-12D15NP Datasheet (HTML) - Multicomp Pro


MPA-12D15NP Product details

Features
• 7PIN SIP package
• No-load input current as low as 5mA
• Continuous short-circuit protection
• High efficiency up to 87%
• Unregulated output types
• 1.5KV DC to 3KV DC isolation
• Operating temperature:-40°C to +105°C
• Industry standard pinout
• UL/cUL/IEC/EN 62368-1 approved, CB-Report




Similar Part No. - MPA-12D15NP

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
MPA-122 MAXTENA-MPA-122 Datasheet
214Kb / 1P
L1 PASSIVE GPS MICROSTRIP ANTENNA
MPA-124-C MAXTENA-MPA-124-C Datasheet
1Mb / 3P
L1 GPS Passive Microstrip Antenna ??12mm
REV A
More results


Similar Description - MPA-12D15NP

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
Isolated 1W Dual Output DC-DC Converters
NMH CANDD-NMH Datasheet
111Kb / 2P
Isolated 2W Dual Output DC-DC Converters
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NMH05055 CANDD-NMH05055 Datasheet
111Kb / 2P
ISOLATED 2W DUAL OUTPUT DC-DC CONVERTERS
logo
Microdc power Technolog...
A-XD-2W MICRODC-A-XD-2W Datasheet
1Mb / 5P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
Isolated 1W Dual Output DC/DC Converters
NMA2405SC MURATA-NMA2405SC Datasheet
126Kb / 4P
Isolated 1W Dual Output DC/DC Converters
logo
Microdc power Technolog...
2A-XSD MICRODC-2A-XSD Datasheet
632Kb / 4P
Isolated 2W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
Isolated 3W Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMH MURATA-PS-NMH Datasheet
272Kb / 6P
Isolated 2W Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com