Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT75GH120JSC30 Datasheet (PDF) - Microchip Technology

APT75GH120JSC30 Datasheet PDF - Microchip Technology
Part # APT75GH120JSC30
Download  APT75GH120JSC30 Download
File Size   871.67 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 75 A Fast Field-Stop IGBT 7 with SiC Diode

APT75GH120JSC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
APT75GH120JSC30 Datasheet PDF - Microchip Technology

Part # APT75GH120JSC30
Download  APT75GH120JSC30 Click to download

File Size   871.67 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1200 V, 75 A Fast Field-Stop IGBT 7 with SiC Diode

APT75GH120JSC30 Datasheet (HTML) - Microchip Technology


APT75GH120JSC30 Product details

Features
• Low conduction loss and saturation voltage
• Fast switching
• Low gate charge
• Ultrafast tail current shutoff
• No reverse recovery
• Reverse-bias safe operating area (RBSOA) rated
• Easy to parallel
• RoHS compliant
• Zero Eon switching loss from co-packaged, anti-parallel diode
• Isolated voltage to 2500 V, UL certified file E145592




Similar Part No. - APT75GH120JSC30

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
APT75GH120JD30 MICROCHIP-APT75GH120JD30 Datasheet
868Kb / 15P
1200 V, 75 A Fast Field-Stop IGBT 7 with DQ Diode
12/2025
More results


Similar Description - APT75GH120JSC30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH15T120SMD FAIRCHILD-FGH15T120SMD Datasheet
257Kb / 9P
1200 V, 15 A Field Stop Trench IGBT
FGH25T120SMD FAIRCHILD-FGH25T120SMD Datasheet
308Kb / 9P
1200 V, 25 A Field Stop Trench IGBT
FGL12040WD FAIRCHILD-FGL12040WD Datasheet
1Mb / 9P
1200 V, 40 A Field Stop Trench IGBT
logo
STMicroelectronics
STGB3NC120HD STMICROELECTRONICS-STGB3NC120HD Datasheet
769Kb / 16P
7 A, 1200 V very fast IGBT with ultrafast diode
25-Jan-2011
logo
ON Semiconductor
AFGHL75T65SQDT ONSEMI-AFGHL75T65SQDT Datasheet
260Kb / 9P
Field Stop Trench IGBT 650 V, 75 A
November, 2019 ??Rev. 0
FGH40T120SMD ONSEMI-FGH40T120SMD Datasheet
524Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
July, 2021 ??Rev. 5
FGH75T65SHD ONSEMI-FGH75T65SHD Datasheet
1Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
November, 2020 ??Rev. 4
FGH75T65SHDT ONSEMI-FGH75T65SHDT Datasheet
2Mb / 9P
IGBT - Field Stop, Trench 650 V, 75 A
Spetember, 2021 ??Rev. 4
FGH12040WD ONSEMI-FGH12040WD Datasheet
812Kb / 10P
IGBT - Field Stop, Trench 1200 V, 40 A
April, 2020 ??Rev. 4
FGH75T65SQD ONSEMI-FGH75T65SQD Datasheet
532Kb / 10P
IGBT - Field Stop, Trench 650 V, 75 A
April, 2020 ??Rev. 5
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com