Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6350CMS8#PBF Datasheet (PDF) - Analog Devices

LT6350CMS8#PBF Datasheet PDF - Analog Devices
Part # LT6350CMS8#PBF
Download  LT6350CMS8#PBF Download
File Size   876.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Single-Ended to Differential Converter/ADC Driver

LT6350CMS8#PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT6350CMS8#PBF Datasheet PDF - Analog Devices

Part # LT6350CMS8#PBF
Download  LT6350CMS8#PBF Click to download

File Size   876.47 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise Single-Ended to Differential Converter/ADC Driver

LT6350CMS8#PBF Datasheet (HTML) - Analog Devices


LT6350CMS8#PBF Product details

Features
n Rail-to-Rail Input and Outputs
n Fast Settling Time: 240ns, 0.01%, 8VP-P Output Step
n 1.9nV/√Hz Input-Referred Op Amp Noise
n High Impedance Input
n –3dB Bandwidth: 33MHz
n 2.7V to 12V Supply Operation
n No External Gain Resistors Required
n 4.8mA Supply Current
n Low Power Shutdown
n Low Distortion (HD2/HD3): –102dBc/–97dBc at
100kHz, VOUTDIFF = 4VP-P
n Low Offset Voltage: ±400μV Max
n High DC Linearity: <±1LSB, 16-Bit, 8VP-P
n Low Input Current Noise: 1.1pA/√Hz
n 3mm × 3mm 8-Pin DFN and 8-Lead MSOP Packages




Similar Part No. - LT6350CMS8#PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6350CMS8PBF LINER-LT6350CMS8PBF Datasheet
572Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
LT6350CMS8TRPBF LINER-LT6350CMS8TRPBF Datasheet
572Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
More results


Similar Description - LT6350CMS8#PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8139 AD-AD8139 Datasheet
720Kb / 24P
Low Noise Rail-to-Rail Differential ADC Driver
8/04-Data Sheet Changed from a Rev. 0 to Rev. A.
AD8139 AD-AD8139_07 Datasheet
685Kb / 24P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT6350 LINER-LT6350 Datasheet
572Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD8139 AD-AD8139_15 Datasheet
775Kb / 25P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. B
logo
Linear Technology
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT6350 LINER-LT6350_15 Datasheet
877Kb / 28P
Low Noise Single-Ended to Differential Converter/ADC Driver
logo
Analog Devices
AD8139 AD-AD8139_16 Datasheet
613Kb / 27P
Low Noise, Rail-to-Rail, Differential ADC Driver
REV. C
logo
Texas Instruments
OPA862 TI1-OPA862_V01 Datasheet
3Mb / 39P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
OPA862 TI-OPA862_V02 Datasheet
3Mb / 37P
OPA862 High Input Impedance, Single-Ended to Differential ADC Driver
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com