Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

172264 Datasheet (PDF) - Molex Electronics Ltd.

172264 Datasheet PDF - Molex Electronics Ltd.
Part # 172264
Download  172264 Download
File Size   33.51 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra-Fit Power Connectors

172264 Datasheet (PDF)

Go To PDF Page Download Datasheet
172264 Datasheet PDF - Molex Electronics Ltd.

Part # 172264
Download  172264 Click to download

File Size   33.51 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Ultra-Fit Power Connectors

172264 Datasheet (HTML) - Molex Electronics Ltd.


172264 Product details

Description: Ultra-Fit Tangless Terminal Position Assurance (TPA), 3.50mm Pitch, 2 Circuits, Natural




Similar Part No. - 172264

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
172264 MOLEX-172264 Datasheet
692Kb / 2P
Ultra-Fit Power Connectors 3.50mm Pitch
2019.06
172264 MOLEX-172264 Datasheet
1Mb / 23P
PRODUCT SPECIFICATION FOR ULTRA-FIT CONNECTOR SYSTEM
06/29/2021
logo
Weidmuller
1722640000 WEIDMULLER-1722640000 Datasheet
92Kb / 4P
BLZF 7.62/3 SN OR
logo
Molex Electronics Ltd.
1722640002 MOLEX-1722640002 Datasheet
597Kb / 10P
APPLICATION SPECIFICATION FOR ULTRA-FIT WIRE TO BOARD AND WIRE TO WRIE CONNECTOR SYSTEM
1/04/2023
1722643002 MOLEX-1722643002 Datasheet
265Kb / 1P
ULTRA-FIT SR R-R 2CKT 150MM DISC Sn
2021/01/22
More results


Similar Description - 172264

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IAM-G41 MITSUMI-IAM-G41 Datasheet
79Kb / 2P
Ultra Mini Serial Connectors
logo
American Accurate Compo...
JXWBGF-T-2-800-6000 AAC-JXWBGF-T-2-800-6000 Datasheet
62Kb / 1P
Ultra Broadband Power Divider (SMA Connectors)
logo
Molex Electronics Ltd.
39-29-6148 MOLEX11-39-29-6148 Datasheet
50Kb / 2P
Mini-Fit Jr.??Power Connectors
39-30-1039 MOLEX11-39-30-1039 Datasheet
40Kb / 2P
Mini-Fit Jr.??Power Connectors
0451330403 MOLEX1-0451330403 Datasheet
48Kb / 1P
Ultra-Fit to Ultra-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 300.00mm Length
0451340401 MOLEX1-0451340401 Datasheet
50Kb / 1P
Ultra-Fit to Ultra-Fit Off-the-Shelf (OTS) Cable Assembly, Dual Row, 150.00mm Length,
ATS-639041600 MOLEX-ATS-639041600 Datasheet
647Kb / 5P
Fine Adjust Applicator for ULTRA-FIT Terminals
12-01-15
987651-1008 MOLEX-987651-1008 Datasheet
692Kb / 2P
Ultra-Fit Power Connectors 3.50mm Pitch
2019.06
PS-172323-0001 MOLEX-PS-172323-0001 Datasheet
1Mb / 23P
PRODUCT SPECIFICATION FOR ULTRA-FIT CONNECTOR SYSTEM
06/29/2021
797582142 MOLEX-797582142 Datasheet
148Kb / 1P
ULTRA FIT TIN PLATED 300MM 16AWG
2019/07/16
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com